Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52811-QCAA-R Datasheet(PDF) 292 Page - Nordic Semiconductor

Part # NRF52811-QCAA-R
Description  nRF52811
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52811-QCAA-R Datasheet(HTML) 292 Page - Nordic Semiconductor

Back Button NRF52811-QCAA-R Datasheet HTML 288Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 289Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 290Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 291Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 292Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 293Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 294Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 295Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 296Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 292 / 444 page
background image
Peripherals
If the ENDTX event has not already been generated when the SPI master has come to a stop, the SPI
master will generate the ENDTX event explicitly even though all bytes in the TXD buffer, as specified in the
TXD.MAXCNT register, have not been transmitted.
The SPI master is a synchronous interface, and for every byte that is sent, a different byte will be received
at the same time; this is illustrated in SPI master transaction on page 292.
START
CPU
1
ENDTX
0
1
2
n
ORC
ORC
CSN
SCK
MOSI
A
B
C
m-2
m-1
m
MISO
2
ENDRX
Figure 116: SPI master transaction
6.19.2 Master mode pin configuration
The SCK, MOSI, and MISO signals associated with the SPI master are mapped to physical pins according to
the configuration specified in the PSEL.SCK, PSEL.MOSI, and PSEL.MISO registers respectively.
The PSEL.SCK, PSEL.MOSI, and PSEL.MISO registers and their configurations are only used as long as the
SPI master is enabled, and retained only as long as the device is in ON mode. PSEL.SCK, PSEL.MOSI and
PSEL.MISO must only be configured when the SPI master is disabled.
To secure correct behavior in the SPI, the pins used by the SPI must be configured in the GPIO peripheral
as described in GPIO configuration on page 292 prior to enabling the SPI. This configuration must be
retained in the GPIO for the selected IOs as long as the SPI is enabled.
Only one peripheral can be assigned to drive a particular GPIO pin at a time. Failing to do so may result in
unpredictable behavior.
SPI master signal
SPI master pin
Direction
Output value
SCK
As specified in PSEL.SCK
Output
Same as CONFIG.CPOL
MOSI
As specified in PSEL.MOSI
Output
0
MISO
As specified in PSEL.MISO
Input
Not applicable
Table 86: GPIO configuration
4454_140 v1.0
292



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com