Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52811-QCAA-R Datasheet(PDF) 326 Page - Nordic Semiconductor

Part # NRF52811-QCAA-R
Description  nRF52811
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52811-QCAA-R Datasheet(HTML) 326 Page - Nordic Semiconductor

Back Button NRF52811-QCAA-R Datasheet HTML 322Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 323Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 324Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 325Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 326Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 327Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 328Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 329Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 330Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 326 / 444 page
background image
Peripherals
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A A A A A A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
RW T1
End point of 2nd piece wise linear function
6.22.1.21 T2
Address offset: 0x568
End point of 3rd piece wise linear function
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A A A A A A A A
Reset 0x00000019
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 1 0 0 1
ID
Access
Field
Value ID
Value
Description
A
RW T2
End point of 3rd piece wise linear function
6.22.1.22 T3
Address offset: 0x56C
End point of 4th piece wise linear function
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A A A A A A A A
Reset 0x0000003C
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 1 1 1 0 0
ID
Access
Field
Value ID
Value
Description
A
RW T3
End point of 4th piece wise linear function
6.22.1.23 T4
Address offset: 0x570
End point of 5th piece wise linear function
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A A A A A A A A
Reset 0x00000050
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 0 1 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
RW T4
End point of 5th piece wise linear function
6.22.2 Electrical specification
6.22.2.1 Temperature Sensor Electrical Specification
Symbol
Description
Min.
Typ.
Max.
Units
tTEMP
Time required for temperature measurement
36
µs
TTEMP,RANGE
Temperature sensor range
-40
85
°C
TTEMP,ACC
Temperature sensor accuracy
-5
5
°C
TTEMP,RES
Temperature sensor resolution
0.25
°C
TTEMP,STB
Sample to sample stability at constant device temperature
+/-0.25
°C
TTEMP,OFFST
Sample offset at 25°C
-2.5
2.5
°C
4454_140 v1.0
326



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com