Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52811-QCAA-R Datasheet(PDF) 329 Page - Nordic Semiconductor

Part # NRF52811-QCAA-R
Description  nRF52811
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52811-QCAA-R Datasheet(HTML) 329 Page - Nordic Semiconductor

Back Button NRF52811-QCAA-R Datasheet HTML 325Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 326Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 327Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 328Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 329Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 330Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 331Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 332Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 333Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 329 / 444 page
background image
Peripherals
1
3
6
2
ADDR
0
1
N-1
N
2
4
7
Figure 124: The TWI master writing data to a slave
The TWI master write sequence is stopped when the STOP task is triggered whereupon the TWI master
will generate a stop condition on the TWI bus.
6.23.5 Master read sequence
A TWI master read sequence is started by triggering the STARTRX task. After the STARTRX task has been
triggered the TWI master will generate a start condition on the TWI bus, followed by clocking out the
address and the READ/WRITE bit set to 1 (WRITE = 0, READ = 1).
The address must match the address of the slave device that the master wants to read from. The READ/
WRITE bit is followed by an ACK/NACK bit (ACK=0 or NACK = 1) generated by the slave.
After having sent the ACK bit the TWI slave will send data to the master using the clock generated by the
master.
The TWI master will generate a RXDRDY event every time a new byte is received in the RXD register.
After receiving a byte, the TWI master will delay sending the ACK/NACK bit by stretching the clock until the
CPU has extracted the received byte, that is, by reading the RXD register.
The TWI master read sequence is stopped by triggering the STOP task. This task must be triggered before
the last byte is extracted from RXD to ensure that the TWI master sends a NACK back to the slave before
generating the stop condition.
A typical TWI master read sequence is illustrated in The TWI master reading data from a slave on page
330. Occurrence 3 in this figure illustrates delayed processing of the RXDRDY event associated with RXD
byte B. In this scenario the TWI master will stretch the clock to prevent the slave from overwriting the
contents of the RXD register.
4454_140 v1.0
329



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com