Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52811-QCAA-R Datasheet(PDF) 331 Page - Nordic Semiconductor

Part # NRF52811-QCAA-R
Description  nRF52811
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52811-QCAA-R Datasheet(HTML) 331 Page - Nordic Semiconductor

Back Button NRF52811-QCAA-R Datasheet HTML 327Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 328Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 329Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 330Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 331Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 332Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 333Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 334Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 335Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 331 / 444 page
background image
Peripherals
To generate a repeated start after a read sequence, a second start task must be triggered instead of the
STOP task, that is, STARTRX or STARTTX. This start task must be triggered before the last byte is extracted
from RXD to ensure that the TWI master sends a NACK back to the slave before generating the repeated
start condition.
6.23.7 Low power
When putting the system in low power and the peripheral is not needed, lowest possible power
consumption is achieved by stopping, and then disabling the peripheral.
The STOP task may not be always needed (the peripheral might already be stopped), but if it is sent,
software shall wait until the STOPPED event was received as a response before disabling the peripheral
through the ENABLE register.
6.23.8 Registers
Base address
Peripheral
Instance
Description
Configuration
0x40003000
TWI
TWI0
Two-wire interface master
Deprecated
Table 99: Instances
Register
Offset
Description
TASKS_STARTRX
0x000
Start TWI receive sequence
TASKS_STARTTX
0x008
Start TWI transmit sequence
TASKS_STOP
0x014
Stop TWI transaction
TASKS_SUSPEND
0x01C
Suspend TWI transaction
TASKS_RESUME
0x020
Resume TWI transaction
EVENTS_STOPPED
0x104
TWI stopped
EVENTS_RXDREADY
0x108
TWI RXD byte received
EVENTS_TXDSENT
0x11C
TWI TXD byte sent
EVENTS_ERROR
0x124
TWI error
EVENTS_BB
0x138
TWI byte boundary, generated before each byte that is sent or received
EVENTS_SUSPENDED
0x148
TWI entered the suspended state
SHORTS
0x200
Shortcuts between local events and tasks
INTENSET
0x304
Enable interrupt
INTENCLR
0x308
Disable interrupt
ERRORSRC
0x4C4
Error source
ENABLE
0x500
Enable TWI
PSEL.SCL
0x508
Pin select for SCL
PSEL.SDA
0x50C
Pin select for SDA
RXD
0x518
RXD register
TXD
0x51C
TXD register
FREQUENCY
0x524
TWI frequency. Accuracy depends on the HFCLK source selected.
ADDRESS
0x588
Address used in the TWI transfer
Table 100: Register overview
6.23.8.1 TASKS_STARTRX
Address offset: 0x000
Start TWI receive sequence
4454_140 v1.0
331



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com