Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52811-QCAA-R Datasheet(PDF) 328 Page - Nordic Semiconductor

Part # NRF52811-QCAA-R
Description  nRF52811
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52811-QCAA-R Datasheet(HTML) 328 Page - Nordic Semiconductor

Back Button NRF52811-QCAA-R Datasheet HTML 324Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 325Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 326Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 327Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 328Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 329Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 330Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 331Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 332Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 328 / 444 page
background image
Peripherals
as long as the TWI master is enabled, and retained only as long as the device is in ON mode. PSEL.SCL and
PSEL.SDA must only be configured when the TWI is disabled.
To secure correct signal levels on the pins used by the TWI master when the system is in OFF mode, and
when the TWI master is disabled, these pins must be configured in the GPIO peripheral as described in
GPIO configuration on page 328.
Only one peripheral can be assigned to drive a particular GPIO pin at a time, failing to do so may result in
unpredictable behavior.
TWI master signal
TWI master pin
Direction
Drive strength
Output value
SCL
As specified in PSEL.SCL
Input
S0D1
Not applicable
SDA
As specified in PSEL.SDA
Input
S0D1
Not applicable
Table 98: GPIO configuration
6.23.3 Shared resources
The TWI shares registers and other resources with other peripherals that have the same ID as the TWI.
Therefore, you must disable all peripherals that have the same ID as the TWI before the TWI can be
configured and used. Disabling a peripheral that has the same ID as the TWI will not reset any of the
registers that are shared with the TWI. It is therefore important to configure all relevant TWI registers
explicitly to secure that it operates correctly.
The Instantiation table in Instantiation on page 18 shows which peripherals have the same ID as the TWI.
6.23.4 Master write sequence
A TWI master write sequence is started by triggering the STARTTX task. After the STARTTX task has been
triggered, the TWI master will generate a start condition on the TWI bus, followed by clocking out the
address and the READ/WRITE bit set to 0 (WRITE=0, READ=1).
The address must match the address of the slave device that the master wants to write to. The READ/
WRITE bit is followed by an ACK/NACK bit (ACK=0 or NACK=1) generated by the slave.
After receiving the ACK bit, the TWI master will clock out the data bytes that are written to the TXD
register. Each byte clocked out from the master will be followed by an ACK/NACK bit clocked in from the
slave. A TXDSENT event will be generated each time the TWI master has clocked out a TXD byte, and the
associated ACK/NACK bit has been clocked in from the slave.
The TWI master transmitter is single buffered, and a second byte can only be written to the TXD register
after the previous byte has been clocked out and the ACK/NACK bit clocked in, that is, after the TXDSENT
event has been generated.
If the CPU is prevented from writing to TXD when the TWI master is ready to clock out a byte, the TWI
master will stretch the clock until the CPU has written a byte to the TXD register.
A typical TWI master write sequence is illustrated in The TWI master writing data to a slave on page
329. Occurrence 3 in the figure illustrates delayed processing of the TXDSENT event associated with
TXD byte 1. In this scenario the TWI master will stretch the clock to prevent writing erroneous data to the
slave.
4454_140 v1.0
328



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com