Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DEVKIT-MPC5744P Datasheet(PDF) 15 Page - NXP Semiconductors

Part # DEVKIT-MPC5744P
Description  Ultra-Reliable MCUs for Industrial and Automotive Applications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DEVKIT-MPC5744P Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button DEVKIT-MPC5744P Datasheet HTML 11Page - NXP Semiconductors DEVKIT-MPC5744P Datasheet HTML 12Page - NXP Semiconductors DEVKIT-MPC5744P Datasheet HTML 13Page - NXP Semiconductors DEVKIT-MPC5744P Datasheet HTML 14Page - NXP Semiconductors DEVKIT-MPC5744P Datasheet HTML 15Page - NXP Semiconductors DEVKIT-MPC5744P Datasheet HTML 16Page - NXP Semiconductors DEVKIT-MPC5744P Datasheet HTML 17Page - NXP Semiconductors DEVKIT-MPC5744P Datasheet HTML 18Page - NXP Semiconductors DEVKIT-MPC5744P Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
EXTERNAL USE
14
OpenSDA JTAG
JTAG
OpenSDA MCU
OpenSDA micro USB
OpenSDA MCU
Boot Entry Button
DEVKIT-MPC5744P Board : Power Supply
12V must be used for CAN and LIN/UART communication.
DEVKIT-MPC5744P supports power through OpenSDA (USB) and
external 12V power supply. NXP does not directly sell 12V power
supplies. You can obtain a power supply through a third-party.
Power supply specifications:
Fully regulated Switching Power Supply
Input Voltage 100-240V AC 50/60Hz
Output 12V 1A/2A DC
Plug size: 5.5mm x 2.1 mm, Center Positive



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com