Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DEVKIT-MPC5744P Datasheet(PDF) 19 Page - NXP Semiconductors

Part # DEVKIT-MPC5744P
Description  Ultra-Reliable MCUs for Industrial and Automotive Applications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DEVKIT-MPC5744P Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button DEVKIT-MPC5744P Datasheet HTML 15Page - NXP Semiconductors DEVKIT-MPC5744P Datasheet HTML 16Page - NXP Semiconductors DEVKIT-MPC5744P Datasheet HTML 17Page - NXP Semiconductors DEVKIT-MPC5744P Datasheet HTML 18Page - NXP Semiconductors DEVKIT-MPC5744P Datasheet HTML 19Page - NXP Semiconductors DEVKIT-MPC5744P Datasheet HTML 20Page - NXP Semiconductors DEVKIT-MPC5744P Datasheet HTML 21Page - NXP Semiconductors DEVKIT-MPC5744P Datasheet HTML 22Page - NXP Semiconductors DEVKIT-MPC5744P Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
EXTERNAL USE
18
MPC574xP Family
– Phantom Feature Differences
Available in NXP DEVKIT platform
MCU
FEATURES
Flash*
RAM
EE
PROM
Packages
MPC5744P
2.5MB
384K
Emulate
144 LQFP/
257 MAPBGA
MPC5743P
2.0MB
256K
Emulate
144 LQFP/
257 MAPBGA
MPC5742P
1.5MB
192K
Emulate
144 LQFP/
257 MAPBGA
MPC5741P
1.0MB
128K
Emulate
144 LQFP/
257 MAPBGA
*Differences in memory are all in the Large Flash Block



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com