Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DEVKIT-MPC5744P Datasheet(PDF) 20 Page - NXP Semiconductors

Part # DEVKIT-MPC5744P
Description  Ultra-Reliable MCUs for Industrial and Automotive Applications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DEVKIT-MPC5744P Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button DEVKIT-MPC5744P Datasheet HTML 16Page - NXP Semiconductors DEVKIT-MPC5744P Datasheet HTML 17Page - NXP Semiconductors DEVKIT-MPC5744P Datasheet HTML 18Page - NXP Semiconductors DEVKIT-MPC5744P Datasheet HTML 19Page - NXP Semiconductors DEVKIT-MPC5744P Datasheet HTML 20Page - NXP Semiconductors DEVKIT-MPC5744P Datasheet HTML 21Page - NXP Semiconductors DEVKIT-MPC5744P Datasheet HTML 22Page - NXP Semiconductors DEVKIT-MPC5744P Datasheet HTML 23Page - NXP Semiconductors DEVKIT-MPC5744P Datasheet HTML 24Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
EXTERNAL USE
19
MPC574xP Family
– Package Feature Set Comparison
MPC574xP
Package
FEATURES
FREQ
FlexCAN
ENET
DSPI
FlexPWM
eTimer
PIT
ADC
LinFlexD
eDMA
CTU
Zipwire
FlexRay
GPI
GPIO
144 LQFP
4.76 MHz
to 200
MHz
3
No
3
2 1)
3 2)
1
4 x 12 bit x 16
ch 3)
2
32 ch
2 4)
No
1
26
79
257 MAPMGA
4.76 MHz
to 200
MHz
3
Yes
4
2
3
1
4 x 12 bit x16
ch 3)
2
32 ch
2
Yes
1
29
112
1) FlexPWM1 has available only A[0-2] and B[0-2] external signals.
2) eTimer2 has available only ETC2-5 external signals.
3) There are 38 ADC channels which include internal channels (temperature sensors, bandgap voltage) and shared channels.
4) CTU1 has not external trigger output.
Available in NXP DEVKIT platform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com