Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FRDM-HB2002ESEVM Datasheet(PDF) 22 Page - NXP Semiconductors

Part # FRDM-HB2002ESEVM
Description  evaluation board
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FRDM-HB2002ESEVM Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button FRDM-HB2002ESEVM Datasheet HTML 18Page - NXP Semiconductors FRDM-HB2002ESEVM Datasheet HTML 19Page - NXP Semiconductors FRDM-HB2002ESEVM Datasheet HTML 20Page - NXP Semiconductors FRDM-HB2002ESEVM Datasheet HTML 21Page - NXP Semiconductors FRDM-HB2002ESEVM Datasheet HTML 22Page - NXP Semiconductors FRDM-HB2002ESEVM Datasheet HTML 23Page - NXP Semiconductors FRDM-HB2002ESEVM Datasheet HTML 24Page - NXP Semiconductors FRDM-HB2002ESEVM Datasheet HTML 25Page - NXP Semiconductors FRDM-HB2002ESEVM Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
NXP Semiconductors
UM11144
FRDM-HB2002ESEVM evaluation board
UM11144
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2018. All rights reserved.
User guide
Rev. 1.0 — 13 September 2018
22 / 27
6.3.2 Parallel control
Figure 14. Parallel control description
Direction
• Forward: Current flowing through OUT1 to OUT2
• Reverse: Current flowing through OUT2 to OUT1
Recirculation
• High-side: Freewheel-High (both high-side FETs turned on) during PWMing
• Low-side: Freewheel-Low (both low-side FETs turned on) during PWMing (only
available for Half-bridge mode)
Enable (ENBL pin)
• Yes: ENBL is logic HIGH, the H-bridge is operational
• No: ENBL is logic LOW, the H-bridge outputs are 3-stated and placed in Sleep
mode
Disable (DIS pin)
• Yes: DIS is logic HIGH, both OUT1 and OUT2 are 3-stated
• No: DIS is logic LOW, both OUT1 and OUT2 are enabled
PWM Freq (Hz)
Enter PWM frequency up to 20000 Hz
Duty Cycle (%)
Select PWM duty cycle from 10 % to 90 %
Start
After selection of parallel control configuration, press Start to activate the outputs
Stop
Press Stop to deactivate the outputs
Current Feedback (mA) Shows current through the high-side FETs using the current recopy feature
exercised over the on-board sense network, then interpreted by the KL25Z
microcontrollers ADC
Status Fault
• Reports system fault status in real time, per mask register (all masked AND
detected faults are OR-ed together)
• Status fault also goes low in response to DIS high or open



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com