Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC30F2010 Datasheet(PDF) 25 Page - Microchip Technology

Part # DSPIC30F2010
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F2010 Datasheet(HTML) 25 Page - Microchip Technology

Back Button DSPIC30F2010 Datasheet HTML 21Page - Microchip Technology DSPIC30F2010 Datasheet HTML 22Page - Microchip Technology DSPIC30F2010 Datasheet HTML 23Page - Microchip Technology DSPIC30F2010 Datasheet HTML 24Page - Microchip Technology DSPIC30F2010 Datasheet HTML 25Page - Microchip Technology DSPIC30F2010 Datasheet HTML 26Page - Microchip Technology DSPIC30F2010 Datasheet HTML 27Page - Microchip Technology DSPIC30F2010 Datasheet HTML 28Page - Microchip Technology DSPIC30F2010 Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 204 page
background image
© 2008 Microchip Technology Inc.
DS70118H-page 25
dsPIC30F2010
FIGURE 3-5:
DATA SPACE WINDOW INTO PROGRAM SPACE OPERATION
3.2
Data Address Space
The core has two data spaces. The data spaces can be
considered
either
separate
(for
some
DSP
instructions), or as one unified linear address range
(for MCU instructions). The data spaces are accessed
using two Address Generation Units (AGUs) and
separate data paths.
3.2.1
DATA SPACE MEMORY MAP
The data space memory is split into two blocks, X and
Y data space. A key element of this architecture is that
Y space is a subset of X space, and is fully contained
within X space. In order to provide an apparent linear
addressing space, X and Y spaces have contiguous
addresses.
When executing any instruction other than one of the
MAC
class of instructions, the X block consists of the
256 byte data address space (including all Y
addresses). When executing one of the MAC class of
instructions, the X block consists of the 256 bytes data
address space excluding the Y address block (for data
reads only). In other words, all other instructions regard
the entire data memory as one composite address
space. The MAC class instructions extract the Y
address space from data space and address it using
EAs sourced from W10 and W11. The remaining X data
space is addressed using W8 and W9. Both address
spaces are concurrently accessed only with the MAC
class instructions.
A data space memory map is shown in Figure 3-6.
23
15
0
PSVPAG(1)
15
15
EA<15> = 0
EA<15> = 1
16
Data
Space
EA
Data Space
Program Space
8
15
23
0x0000
0x8000
0xFFFF
0x00
0x100100
0x001FFE
Data Read
Upper half of Data
Space is mapped
into Program Space
Note: PSVPAG is an 8-bit register, containing bits <22:15> of the program space address
(i.e., it defines the page in program space to which the upper half of data space is being mapped).
0x001200
Address
Concatenation
BSET
CORCON,#2
; PSV bit set
MOV
#0x00, W0
; Set PSVPAG register
MOV
W0, PSVPAG
MOV
0x9200, W0
; Access program memory location
; using a data space access



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com