Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC30F2010 Datasheet(PDF) 87 Page - Microchip Technology

Part # DSPIC30F2010
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F2010 Datasheet(HTML) 87 Page - Microchip Technology

Back Button DSPIC30F2010 Datasheet HTML 83Page - Microchip Technology DSPIC30F2010 Datasheet HTML 84Page - Microchip Technology DSPIC30F2010 Datasheet HTML 85Page - Microchip Technology DSPIC30F2010 Datasheet HTML 86Page - Microchip Technology DSPIC30F2010 Datasheet HTML 87Page - Microchip Technology DSPIC30F2010 Datasheet HTML 88Page - Microchip Technology DSPIC30F2010 Datasheet HTML 89Page - Microchip Technology DSPIC30F2010 Datasheet HTML 90Page - Microchip Technology DSPIC30F2010 Datasheet HTML 91Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 204 page
background image
© 2008 Microchip Technology Inc.
DS70118H-page 87
dsPIC30F2010
14.3
Edge-Aligned PWM
Edge-aligned PWM signals are produced by the module
when the PWM time base is in the Free Running or Sin-
gle Shot mode. For edge-aligned PWM outputs, the out-
put has a period specified by the value in PTPER and
a duty cycle specified by the appropriate duty cycle reg-
ister (see Figure 14-2). The PWM output is driven active
at the beginning of the period (PTMR = 0) and is driven
inactive when the value in the duty cycle register
matches PTMR.
If the value in a particular duty cycle register is zero,
then the output on the corresponding PWM pin will be
inactive for the entire PWM period. In addition, the
output on the PWM pin will be active for the entire
PWM period if the value in the duty cycle register is
greater than the value held in the PTPER register.
FIGURE 14-2:
EDGE-ALIGNED PWM
14.4
Center-Aligned PWM
Center-aligned PWM signals are produced by the
module when the PWM time base is configured in an
Up/Down Counting mode (see Figure 14-3).
The PWM compare output is driven to the active state
when the value of the duty cycle register matches the
value of PTMR and the PWM time base is counting
downwards (PTDIR = 1). The PWM compare output is
driven to the inactive state when the PWM time base is
counting upwards (PTDIR = 0) and the value in the
PTMR register matches the duty cycle value.
If the value in a particular duty cycle register is zero,
then the output on the corresponding PWM pin will be
inactive for the entire PWM period. In addition, the out-
put on the PWM pin will be active for the entire PWM
period if the value in the duty cycle register is equal to
the value held in the PTPER register.
FIGURE 14-3:
CENTER-ALIGNED PWM
14.5
PWM Duty Cycle Comparison
Units
There are four 16-bit Special Function Registers
(PDC1, PDC2, PDC3 and PDC4) used to specify duty
cycle values for the PWM module.
The value in each duty cycle register determines the
amount of time that the PWM output is in the active
state. The duty cycle registers are 16 bits wide. The
LSb of a duty cycle register determines whether the
PWM edge occurs in the beginning. Thus, the PWM
resolution is effectively doubled.
Period
Duty Cycle
0
PTPER
PTMR
Value
New Duty Cycle Latched
0
PTPER
PTMR
Value
Period
Period/2
Duty
Cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com