Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC30F2010 Datasheet(PDF) 86 Page - Microchip Technology

Part # DSPIC30F2010
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F2010 Datasheet(HTML) 86 Page - Microchip Technology

Back Button DSPIC30F2010 Datasheet HTML 82Page - Microchip Technology DSPIC30F2010 Datasheet HTML 83Page - Microchip Technology DSPIC30F2010 Datasheet HTML 84Page - Microchip Technology DSPIC30F2010 Datasheet HTML 85Page - Microchip Technology DSPIC30F2010 Datasheet HTML 86Page - Microchip Technology DSPIC30F2010 Datasheet HTML 87Page - Microchip Technology DSPIC30F2010 Datasheet HTML 88Page - Microchip Technology DSPIC30F2010 Datasheet HTML 89Page - Microchip Technology DSPIC30F2010 Datasheet HTML 90Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 204 page
background image
dsPIC30F2010
DS70118H-page 86
© 2008 Microchip Technology Inc.
14.1.4
DOUBLE UPDATE MODE
In the Double Update mode (PTMOD<1:0> = 11), an
interrupt event is generated each time the PTMR
register is equal to zero, as well as each time a period
match occurs. The postscaler selection bits have no
effect in this mode of the timer.
The Double Update mode provides two additional
functions to the user. First, the control loop bandwidth
is doubled because the PWM duty cycles can be
updated, twice per period. Second, asymmetrical
center-aligned PWM waveforms can be generated,
which are useful for minimizing output waveform
distortion in certain motor control applications.
14.1.5
PWM TIME BASE PRESCALER
The input clock to PTMR (FOSC/4), has prescaler
options of 1:1, 1:4, 1:16 or 1:64, selected by control bits
PTCKPS<1:0> in the PTCON SFR. The prescaler
counter is cleared when any of the following occurs:
• a write to the PTMR register
• a write to the PTCON register
• any device Reset
The PTMR register is not cleared when PTCON is
written.
14.1.6
PWM TIME BASE POSTSCALER
The match output of PTMR can optionally be
post-scaled through a 4-bit postscaler (which gives a
1:1 to 1:16 scaling).
The postscaler counter is cleared when any of the
following occurs:
• a write to the PTMR register
• a write to the PTCON register
• any device Reset
The PTMR register is not cleared when PTCON is
written.
14.2
PWM Period
PTPER is a 15-bit register and is used to set the
counting period for the PWM time base. PTPER is a
double-buffered register. The PTPER buffer contents
are loaded into the PTPER register at the following
instances:
• Free Running and Single Shot modes: When the
PTMR register is reset to zero after a match with
the PTPER register.
• Up/Down Counting modes: When the PTMR
register is zero.
The value held in the PTPER buffer is automatically
loaded into the PTPER register when the PWM time
base is disabled (PTEN = 0).
The
PWM
period
can
be
determined
using
Equation 14-1:
EQUATION 14-1:
PWM PERIOD
If the PWM time base is configured for one of the
Up/Down Count modes, the PWM period is found using
Equation 14-2.
EQUATION 14-2:
PWM PERIOD (UP/DOWN
COUNT MODE)
The maximum resolution (in bits) for a given device
oscillator and PWM frequency can be determined using
Equation 14-3:
EQUATION 14-3:
PWM RESOLUTION
Note:
Programming a value of 0x0001 in the
period
register
could
generate
a
continuous interrupt pulse, and hence,
must be avoided.
TPWM =
TCY
• (PTPER + 1)
(PTMR Prescale Value)
TPWM =
TCY
• 2 • (PTPER + 0.75)
(PTMR Prescale Value)
Resolution =
log (2
• TPWM / TCY)
log (2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com