Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HTMS8001FTK/AF,115 Datasheet(PDF) 34 Page - NXP Semiconductors

Part # HTMS8001FTK/AF,115
Description  HITAG μ transponder IC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HTMS8001FTK/AF,115 Datasheet(HTML) 34 Page - NXP Semiconductors

Back Button HTMS8001FTK/AF,115 Datasheet HTML 30Page - NXP Semiconductors HTMS8001FTK/AF,115 Datasheet HTML 31Page - NXP Semiconductors HTMS8001FTK/AF,115 Datasheet HTML 32Page - NXP Semiconductors HTMS8001FTK/AF,115 Datasheet HTML 33Page - NXP Semiconductors HTMS8001FTK/AF,115 Datasheet HTML 34Page - NXP Semiconductors HTMS8001FTK/AF,115 Datasheet HTML 35Page - NXP Semiconductors HTMS8001FTK/AF,115 Datasheet HTML 36Page - NXP Semiconductors HTMS8001FTK/AF,115 Datasheet HTML 37Page - NXP Semiconductors HTMS8001FTK/AF,115 Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 57 page
background image
HTMS1x01_8x01
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.4 — 21 May 2015
152934
34 of 57
NXP Semiconductors
HTMS1x01; HTMS8x01
HITAG µ transponder IC
14.3 INVENTORY
[Advanced, Advanced+]
Upon reception of this command without error, all transponder ICs in the ready state shall
perform the anticollision sequence. The inventory (INV) flag shall be set to '1'. The NOS
flag determines whether 1 or 16 slots are used.
If a transponder IC detects any error, it shall remain silent.
[1]
Error and CRC are Manchester coded, UID is dual pattern coded
[2]
Response within the according time slot
Error Flag set to ’0’ indicates no error.
Table 21.
INVENTORY - Request format (00h)
Flags
Command
Mask length
Mask value
CRC-16
Description
5
6
6
n
(16)
No. of bits
10(1)10
000000
0
n UID length
UID Mask
AC with 1
timeslot
00(1)10
000000
0
n UID length
UID Mask
AC with 16
timeslot
Table 22.
Response to a successful INVENTORY request [1][2]
Error Flag
Data
CRC-16
Description
1
48 - n
(16)
No. of bits
0
Remaining UID without mask value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com