Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HTMS8001FTK/AF,115 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # HTMS8001FTK/AF,115
Description  HITAG μ transponder IC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HTMS8001FTK/AF,115 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button HTMS8001FTK/AF,115 Datasheet HTML 4Page - NXP Semiconductors HTMS8001FTK/AF,115 Datasheet HTML 5Page - NXP Semiconductors HTMS8001FTK/AF,115 Datasheet HTML 6Page - NXP Semiconductors HTMS8001FTK/AF,115 Datasheet HTML 7Page - NXP Semiconductors HTMS8001FTK/AF,115 Datasheet HTML 8Page - NXP Semiconductors HTMS8001FTK/AF,115 Datasheet HTML 9Page - NXP Semiconductors HTMS8001FTK/AF,115 Datasheet HTML 10Page - NXP Semiconductors HTMS8001FTK/AF,115 Datasheet HTML 11Page - NXP Semiconductors HTMS8001FTK/AF,115 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 57 page
background image
HTMS1x01_8x01
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.4 — 21 May 2015
152934
8 of 57
NXP Semiconductors
HTMS1x01; HTMS8x01
HITAG µ transponder IC
8.
Mechanical specification
8.1 Wafer specification
See Ref. 2 “General specification for 8” wafer on UV-tape with electronic fail die marking”.
Table 4.
Wafer specification
Wafer
Designation
each wafer is scribed with batch number and wafer
number
Diameter
200 mm (8 inches)
Thickness
150 m ± 15 m
Process
CMOS 0.14
m
Batch size
25 wafers
PGDW
91981
Wafer backside
Material
Si
Treatment
ground and stress release
Roughness
Ra max. 0.5 m, Rt max. 5 m
Chip dimensions
Die size without scribe
550 m x 550 m = 302500 m2
Scribe line width
X-dimension
15
m (scribe line width measured between nitride edges)
Y-dimension
15
m (scribe line width measured between nitride edges)
Number of pads
5
Passivation on front
Type
sandwich structure
Material
PE-nitride (on top)
Thickness
1.75
m total thickness of passivation
Au bump
Material
>99.9 % pure Au
Hardness
35 HV to 80 HV 0.005
Shear strength
>70 MPa
Height
18
m
Height uniformity
within a die
2 m
within a wafer
3 m
wafer to wafer
4 m
Bump flatness
1.5 m
Bump size
LA, LB
294 m  164 m
TEST, GND, VDD
60
m  60 m
variation
5 m
Under bump metallization
sputtered TiW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com