Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HTMS8001FTK/AF,115 Datasheet(PDF) 39 Page - NXP Semiconductors

Part # HTMS8001FTK/AF,115
Description  HITAG μ transponder IC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HTMS8001FTK/AF,115 Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button HTMS8001FTK/AF,115 Datasheet HTML 35Page - NXP Semiconductors HTMS8001FTK/AF,115 Datasheet HTML 36Page - NXP Semiconductors HTMS8001FTK/AF,115 Datasheet HTML 37Page - NXP Semiconductors HTMS8001FTK/AF,115 Datasheet HTML 38Page - NXP Semiconductors HTMS8001FTK/AF,115 Datasheet HTML 39Page - NXP Semiconductors HTMS8001FTK/AF,115 Datasheet HTML 40Page - NXP Semiconductors HTMS8001FTK/AF,115 Datasheet HTML 41Page - NXP Semiconductors HTMS8001FTK/AF,115 Datasheet HTML 42Page - NXP Semiconductors HTMS8001FTK/AF,115 Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 57 page
background image
HTMS1x01_8x01
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.4 — 21 May 2015
152934
39 of 57
NXP Semiconductors
HTMS1x01; HTMS8x01
HITAG µ transponder IC
14.8 WRITE SINGLE BLOCK
[
, Advanced, Advanced+]
Upon reception of this command without error, the transponder IC writes 32-bit of data into
the requested user memory block and report the success of the operation in the response.
Error Flag set to ’0’ indicates no error.
Table 33.
WRITE SINGLE BLOCK (advanced/advanced+) - request format (14h)
Flags
Command
Data 1
Data 2
Data 3
CRC-16
Description
5
6
(48)
8
32
(16)
No. of bits
(1)0(1)00
010100
-
block number block data
without UID
in READY
state
0(1)(1)00
010100
UID
block number block data
with UID in
READY
state
01(1)00
010100
-
block number block data
without UID
in
SELECTED
state
Table 34.
WRITE SINGLE BLOCK (µ) - request format (14h)
Flags
Command
Data 1
Data 2
Data 3
CRC-16
Description
5
6
(48)
8
32
(16)
No. of bits
00(1)00
010100
-
block number block data
without UID
in READY
state
10(1)00
010100
UID
block number block data
with UID in
READY
state
Table 35.
Response to a successful WRITE SINGLE BLOCK request
Error Flag
CRC-16
Description
1
(16)
No. of bits
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com