Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IMX6SDLCEC Datasheet(PDF) 2 Page - NXP Semiconductors

Part # IMX6SDLCEC
Description  i.MX 6Solo/6DualLite Applications Processors for Consumer Products
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX6SDLCEC Datasheet(HTML) 2 Page - NXP Semiconductors

  IMX6SDLCEC_V01 Datasheet HTML 1Page - NXP Semiconductors IMX6SDLCEC_V01 Datasheet HTML 2Page - NXP Semiconductors IMX6SDLCEC_V01 Datasheet HTML 3Page - NXP Semiconductors IMX6SDLCEC_V01 Datasheet HTML 4Page - NXP Semiconductors IMX6SDLCEC_V01 Datasheet HTML 5Page - NXP Semiconductors IMX6SDLCEC_V01 Datasheet HTML 6Page - NXP Semiconductors IMX6SDLCEC_V01 Datasheet HTML 7Page - NXP Semiconductors IMX6SDLCEC_V01 Datasheet HTML 8Page - NXP Semiconductors IMX6SDLCEC_V01 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 167 page
background image
i.MX 6Solo/6DualLite Applications Processors for Consumer Products, Rev. 7, 10/2016
2
NXP Semiconductors
Introduction
•
Web and multimedia tablets
•
Color eReaders
•IPTV
•
Human Machine Interfaces (HMI)
•
Portable medical
•
IP phones
•
Home energy management systems
The i.MX 6Solo/6DualLite applications processors feature:
•
Applications processors—The processors enhance the capabilities of high-tier portable
applications by fulfilling the ever increasing MIPS requirements of operating systems and games.
The Dynamic Voltage and Frequency Scaling (DVFS) provides significant power reduction,
allowing the device to run at lower voltage and frequency with sufficient MIPS for tasks, such as
audio decode.
•
Multilevel memory system—The multilevel memory system of each processor is based on the L1
instruction and data caches, L2 cache, and internal and external memory. The processors support
many types of external memory devices, including DDR3, low voltage DDR3, LPDDR2, NOR
Flash, PSRAM, cellular RAM, NAND Flash (MLC and SLC), OneNAND™, and managed
NAND, including eMMC up to rev 4.4/4.41.
•
Smart speed technology—The processors have power management throughout the IC that enables
the rich suite of multimedia features and peripherals to consume minimum power in both active
and various low power modes. Smart speed technology enables the designer to deliver a
feature-rich product, requiring levels of power far lower than industry expectations.
•
Dynamic voltage and frequency scaling—The processors improve the power efficiency of devices
by scaling the voltage and frequency to optimize performance.
•
Multimedia powerhouse—The multimedia performance of each processor is enhanced by a
multilevel cache system, NEON™ MPE (Media Processor Engine) co-processor, a multi-standard
hardware video codec, an image processing unit (IPU), a programmable smart DMA (SDMA)
controller, and an asynchronous sample rate converter.
•
Powerful graphics acceleration—Each processor provides two independent, integrated graphics
processing units: an OpenGL® ES 2.0 3D graphics accelerator with a shader and a 2D graphics
accelerator.
•
Interface flexibility—Each processor supports connections to a variety of interfaces: LCD
controller for up to two displays (including parallel display, HDMI1.4, MIPI display, and LVDS
display), dual CMOS sensor interface (parallel or through MIPI), high-speed USB on-the-go with
PHY, high-speed USB host with PHY, multiple expansion card ports (high-speed MMC/SDIO host
and other), 10/100/1000 Mbps Gigabit Ethernet controller two CAN ports, ESAI audio interface,
and a variety of other popular interfaces (such as UART, I2C, and I2S serial audio, and PCIe-II).
•
Eink Panel Display Controller—The processors integrate EPD controller that supports E-INK
color and monochrome with up to 1650x2332 resolution and 5-bit grayscale (32-levels per color
channel).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com