Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IMX6SDLCEC Datasheet(PDF) 21 Page - NXP Semiconductors

Part # IMX6SDLCEC
Description  i.MX 6Solo/6DualLite Applications Processors for Consumer Products
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX6SDLCEC Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button IMX6SDLCEC_V01 Datasheet HTML 17Page - NXP Semiconductors IMX6SDLCEC_V01 Datasheet HTML 18Page - NXP Semiconductors IMX6SDLCEC_V01 Datasheet HTML 19Page - NXP Semiconductors IMX6SDLCEC_V01 Datasheet HTML 20Page - NXP Semiconductors IMX6SDLCEC_V01 Datasheet HTML 21Page - NXP Semiconductors IMX6SDLCEC_V01 Datasheet HTML 22Page - NXP Semiconductors IMX6SDLCEC_V01 Datasheet HTML 23Page - NXP Semiconductors IMX6SDLCEC_V01 Datasheet HTML 24Page - NXP Semiconductors IMX6SDLCEC_V01 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 167 page
background image
Modules List
i.MX 6Solo/6DualLite Applications Processors for Consumer Products, Rev. 7, 10/2016
NXP Semiconductors
21
3.1
Special Signal Considerations
Table 3 lists special signal considerations for the i.MX 6Solo/6DualLite processors. The signal names are
listed in alphabetical order.
The package contact assignments can be found in Section 6, “Package Information and Contact
Assignments.” Signal descriptions are provided in the i.MX 6Solo/6DualLite Reference Manual
(IMX6SDLRM).
Table 3. Special Signal Considerations
Signal Name
Remarks
CLK1_P/CLK1_N
CLK2_P/CLK2_N
Two general purpose differential high speed clock Input/outputs are provided.
Any or both of them could be used:
• To feed external reference clock to the PLLs and further to the modules inside SoC, for example
as alternate reference clock for PCIe, Video/Audio interfaces, etc.
• To output internal SoC clock to be used outside the SoC as either reference clock or as a
functional clock for peripherals, for example it could be used as an output of the PCIe master
clock (root complex use)
See the i.MX 6Solo/6DualLite reference manual for details on the respective clock trees.
The clock inputs/outputs are LVDS differential pairs compatible with TIA/EIA-644 standard, the
maximum frequency range supported is 0...600 MHz.
Alternatively one may use single ended signal to drive CLKx_P input. In this case corresponding
CLKx_N input should be tied to the constant voltage level equal 1/2 of the input signal swing.
Termination should be provided in case of high frequency signals.
See LVDS pad electrical specification for further details.
After initialization, the CLKx inputs/outputs could be disabled (if not used). If unused any or both of
the CLKx_N/P pairs may remain unconnected.
XTALOSC_RTC_XTALI/
RTC_XTALO
If the user wishes to configure XTALOSC_RTC_XTALI and RTC_XTALO as an RTC oscillator, a
32.768 kHz crystal, (
≤100 kΩ ESR, 10 pF load) should be connected between
XTALOSC_RTC_XTALI and RTC_XTALO. Remember that the capacitors implemented on either
side of the crystal are about twice the crystal load capacitor. To hit the exact oscillation frequency,
the board capacitors need to be reduced to account for board and chip parasitics. The integrated
oscillation amplifier is self biasing, but relatively weak. Care must be taken to limit parasitic leakage
from XTALOSC_RTC_XTALI and RTC_XTALO to either power or ground (>100 M
Ω). This will
debias the amplifier and cause a reduction of startup margin. Typically XTALOSC_RTC_XTALI and
RTC_XTALO should bias to approximately 0.5 V.
If it is desired to feed an external low frequency clock into XTALOSC_RTC_XTALI the RTC_XTALO
pin must remain unconnected or driven with a complimentary signal. The logic level of this forcing
clock must not exceed VDD_SNVS_CAP level and the frequency must be <100 kHz under typical
conditions.
XTALI/XTALO
A 24.0 MHz crystal should be connected between XTALI and XTALO. level and the frequency
should be <32 MHz under typical conditions.
See the Hardware Development Guide (IMX6DQ6SDLHDG), Design Checklist chapter, for details
on crystal selection. NXP BSP (board support package) software requires 24 MHz on
XTALI/XTALO.
The crystal can be eliminated if an external 24 MHz oscillator is available in the system. In this
case, XTALI must be directly driven by the external oscillator and XTALO remains unconnected.
The XTALI signal level must swing from ~0.8 x NVCC_PLL_OUT to ~0.2 V.
If this clock is used as a reference for USB and PCIe, then there are strict frequency tolerance and
jitter requirements. See OSC24M chapter and relevant interface specifications chapters for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com