Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IMX6SDLCEC Datasheet(PDF) 13 Page - NXP Semiconductors

Part # IMX6SDLCEC
Description  i.MX 6Solo/6DualLite Applications Processors for Consumer Products
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX6SDLCEC Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button IMX6SDLCEC_V01 Datasheet HTML 9Page - NXP Semiconductors IMX6SDLCEC_V01 Datasheet HTML 10Page - NXP Semiconductors IMX6SDLCEC_V01 Datasheet HTML 11Page - NXP Semiconductors IMX6SDLCEC_V01 Datasheet HTML 12Page - NXP Semiconductors IMX6SDLCEC_V01 Datasheet HTML 13Page - NXP Semiconductors IMX6SDLCEC_V01 Datasheet HTML 14Page - NXP Semiconductors IMX6SDLCEC_V01 Datasheet HTML 15Page - NXP Semiconductors IMX6SDLCEC_V01 Datasheet HTML 16Page - NXP Semiconductors IMX6SDLCEC_V01 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 167 page
background image
Modules List
i.MX 6Solo/6DualLite Applications Processors for Consumer Products, Rev. 7, 10/2016
NXP Semiconductors
13
EPDC
Electrophoretic Display
Controller
Peripherals
The EPDC is a feature-rich, low power, and
high-performance direct-drive, active matrix EPD
controller. It is specifically designed to drive E-INK
™
EPD panels, supporting a wide variety of TFT
backplanes. It is available in both i.MX 6DualLite and
i.MX 6Solo.
EPIT-1
EPIT-2
Enhanced Periodic
Interrupt Timer
Timer Peripherals
Each EPIT is a 32-bit “set and forget” timer that starts
counting after the EPIT is enabled by software. It is
capable of providing precise interrupts at regular
intervals with minimal processor intervention. It has a
12-bit prescaler for division of input clock frequency to
get the required time setting for the interrupts to occur,
and counter value can be programmed on the fly.
ESAI
Enhanced Serial Audio
Interface
Connectivity
Peripherals
The Enhanced Serial Audio Interface (ESAI) provides a
full-duplex serial port for serial communication with a
variety of serial devices, including industry-standard
codecs, SPDIF transceivers, and other processors.
The ESAI consists of independent transmitter and
receiver sections, each section with its own clock
generator. All serial transfers are synchronized to a
clock. Additional synchronization signals are used to
delineate the word frames. The normal mode of
operation is used to transfer data at a periodic rate, one
word per period. The network mode is also intended for
periodic transfers; however, it supports up to 32 words
(time slots) per period. This mode can be used to build
time division multiplexed (TDM) networks. In contrast,
the on-demand mode is intended for non-periodic
transfers of data and to transfer data serially at high
speed when the data becomes available.
The ESAI has 12 pins for data and clocking connection
to external devices.
Table 2. i.MX 6Solo/6DualLite Modules List (continued)
Block Mnemonic
Block Name
Subsystem
Brief Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com