Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPF5020AMMA0ES Datasheet(PDF) 20 Page - NXP Semiconductors

Part # MPF5020AMMA0ES
Description  Power management integrated circuit
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF5020AMMA0ES Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button MPF5020AMMA0ES Datasheet HTML 16Page - NXP Semiconductors MPF5020AMMA0ES Datasheet HTML 17Page - NXP Semiconductors MPF5020AMMA0ES Datasheet HTML 18Page - NXP Semiconductors MPF5020AMMA0ES Datasheet HTML 19Page - NXP Semiconductors MPF5020AMMA0ES Datasheet HTML 20Page - NXP Semiconductors MPF5020AMMA0ES Datasheet HTML 21Page - NXP Semiconductors MPF5020AMMA0ES Datasheet HTML 22Page - NXP Semiconductors MPF5020AMMA0ES Datasheet HTML 23Page - NXP Semiconductors MPF5020AMMA0ES Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 105 page
background image
NXP Semiconductors
PF5020
Power management integrated circuit (PMIC) for high performance applications
PF5020
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 1 — 15 April 2020
20 / 105
aaa-029954
Self
Test
RESETBMCU
Regulator Outputs
(enable signals)
PWRON
VSNVS
V1P5D
UVDET
VIN
Fuse
Load
1.6 V
tstest_done
Final VSNVS Regulation
tvin_rise
Figure 6. Startup with PWRON pulled up
Table 15. Startup timing requirements (PWRON pulled up)
Symbol
Parameter
Min
Typ
Max
Unit
tvin_rise
Rise time of VIN from VPWR application to UVDET
(system dependent)
10
—
1500
µs
tstest_done
Time from VIN crossing UVDET to fist slot of power up
sequence
—
—
1.5
ms
14.4 IC startup timing with PWRON pulled low during VIN application
It is possible that PWRON is held low when VIN is applied. By default, LPM_OFF bit
is reset to 0 upon crossing UVDET, therefore the PF5020 remains in the LP_Off state
as described in Section 13.1.2 "LP_Off state". In this scenario, the quiescent current in
the LP_Off state is kept to a minimum. When PWRON goes high with LPM_OFF = 0,
the PMIC startup is expected to take longer, since it has to enable most of the internal
circuits and perform the self-test before starting a power up sequence.
Figure 7 shows startup timing with LPM_OFF = 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com