Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPF5020AMMA0ES Datasheet(PDF) 91 Page - NXP Semiconductors

Part # MPF5020AMMA0ES
Description  Power management integrated circuit
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF5020AMMA0ES Datasheet(HTML) 91 Page - NXP Semiconductors

Back Button MPF5020AMMA0ES Datasheet HTML 87Page - NXP Semiconductors MPF5020AMMA0ES Datasheet HTML 88Page - NXP Semiconductors MPF5020AMMA0ES Datasheet HTML 89Page - NXP Semiconductors MPF5020AMMA0ES Datasheet HTML 90Page - NXP Semiconductors MPF5020AMMA0ES Datasheet HTML 91Page - NXP Semiconductors MPF5020AMMA0ES Datasheet HTML 92Page - NXP Semiconductors MPF5020AMMA0ES Datasheet HTML 93Page - NXP Semiconductors MPF5020AMMA0ES Datasheet HTML 94Page - NXP Semiconductors MPF5020AMMA0ES Datasheet HTML 95Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 105 page
background image
NXP Semiconductors
PF5020
Power management integrated circuit (PMIC) for high performance applications
PF5020
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 1 — 15 April 2020
91 / 105
ADDR
Register name
BIT7 BIT6 BIT5 BIT4 BIT3 BIT2 BIT1 BIT0 Configuration
CA
OTP_UV_BYPASS1 0
0
0
0
0
0
0
0
SWND1 and SWx UVBYPASS disabled
CB
OTP_UV_BYPASS2 0
0
0
0
0
0
0
0
LDO1 UVBYPASS disabled
CC
OTP_ILIM_
BYPASS1
1
1
1
1
1
1
1
1
SWND1 and SWx ILIMBYPASS enabled
CD
OTP_ILIM_
BYPASS2
0
0
0
0
1
1
1
1
LDO1 ILIMBYPASS enabled
CE
OTP_PROG_IDH
0
0
0
0
1
1
1
1
Default Program ID high Nibble = 0x0F
CF
OTP_PROF_IDL
1
1
1
1
1
1
1
1
Default Program ID low Byte = 0xFF
D0
OTP DEBUG1
0
0
0
0
0
0
0
0
BG monitor disabled
D1
OTP SW COMP1
0
0
0
0
0
0
0
0
SW2 = 65GM | SW1 = 65GM
D3
OTP SW COMP3
0
0
0
0
0
0
0
0
SWND1 GM = 65, SWND1 RC = XX
D4
SW RAMP
0
0
0
0
0
0
0
0
SWxDVS_RAMP = 00
18 Functional safety
18.1 System safety strategy
The PF5020 is defined in a context of safety and shall provide a set of features to
achieve the safety goals on such context. It provides a flexible yet complete safety
architecture to comply with ASIL B systems providing full programmability to enable
or disable features to address the safety goal. This architecture includes protective
mechanisms to avoid unwanted modification on the respective safety features, as
required by the system.
The following are features considered to be critical for the functional safety strategy:
• Internal watchdog timer
• External watchdog monitoring input (WDI)
• Output voltage monitoring with dedicated bandgap reference
• Protected I2C protocol with CRC verification
• Input overvoltage protection
• Analog built-in self-test (ABIST)
18.2 Output voltage monitoring with dedicated bandgap reference
For the type 2 buck regulator and LDOs, the OV/UV monitors operate from a dedicated
bandgap reference for voltage monitoring.
For the type 1 buck regulators, the OV/UV monitor operate from the same reference
as the regulator. To ensure the integrity of the type 1 buck regulators, a comparison
between the regulator bandgap and the monitoring bandgap is performed. A 5 % to
12 % difference between the two bandgaps is an indicator of a potential regulation or
monitoring fault and is considered as a critical issue. Therefore, the device prevents the
switching regulators from powering up.
On the PF5020 ASIL B device, if a bandgap error is detected during a power up event,
the self-test will fail and prevent the device from powering up regardless of the value of
the OTP_BGMON_BYPASS bit.
During system On state, if a drift between two bandgaps is detected:
• When OTP_BGMON_BYPASS = 0, the power stage of the voltage regulators will be
shutdown.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com