Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPF5020AMMA0ES Datasheet(PDF) 83 Page - NXP Semiconductors

Part # MPF5020AMMA0ES
Description  Power management integrated circuit
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF5020AMMA0ES Datasheet(HTML) 83 Page - NXP Semiconductors

Back Button MPF5020AMMA0ES Datasheet HTML 79Page - NXP Semiconductors MPF5020AMMA0ES Datasheet HTML 80Page - NXP Semiconductors MPF5020AMMA0ES Datasheet HTML 81Page - NXP Semiconductors MPF5020AMMA0ES Datasheet HTML 82Page - NXP Semiconductors MPF5020AMMA0ES Datasheet HTML 83Page - NXP Semiconductors MPF5020AMMA0ES Datasheet HTML 84Page - NXP Semiconductors MPF5020AMMA0ES Datasheet HTML 85Page - NXP Semiconductors MPF5020AMMA0ES Datasheet HTML 86Page - NXP Semiconductors MPF5020AMMA0ES Datasheet HTML 87Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 105 page
background image
NXP Semiconductors
PF5020
Power management integrated circuit (PMIC) for high performance applications
PF5020
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 1 — 15 April 2020
83 / 105
16.2 PF5020 functional register map
RESET signals
R/W types
Default values
UVDET
Reset when VIN crosses UVDET threshold
R
Read only
1
bit set on reset
OFF_OTP
Bits are loaded with OTP values (mirror register)
R/W
Read and Write
0
bit cleared on reset
OFF_TOGGLE
Reset when device goes to OFF mode
RW1C
Read, Write a 1 to clear
x
unknown state
SC
Self-clear after write
R/SW
Read/Secure Write
F
loaded from OTP fuse
NO_VSNVS
Reset when BOS has no valid input (VIN < UVDET -->
VSNVS not present)
R/TW
Read/Write on TBB
T
Trimmable
AD
DR
Register name
R/W
Default
BIT7
BIT6
BIT5
BIT4
BIT3
BIT2
BIT1
BIT0
00
DEVICE ID
R
0101_TTTT
DEVICE_FAM[3:0]
DEVICE_ID[3:0]
01
REV ID
R
TTTT_TTTT
FULL_LAYER_REV[3:0]
METAL_LAYER_REV[3:0]
02
EMREV
R
FFFF_TTTT
PROG_ID[11:8]
—
EMREV[2:0]
03
PROG ID
R
FFFF_FFFF
PROG_ID[7:0]
04
INT STATUS1
RW1C
0000_0000
SDWN_I
FREQ_RDY_I
CRC_I
PWRUP_I
PWRDN_I
—
PGOOD_I
VIN_OVLO_I
05
INT MASK1
R/W
1111_1011
SDWN_M
FREQ_RDY_M
CRC_M
PWRUP_M
PWRDN_M
—
PGOOD_M
VIN_OVLO_M
06
INT SENSE1
R
0000_00xx
—
—
—
—
—
—
PGOOD_S
VIN_OVLO_S
07
INT STATUS2
RW1C
0000_0000
WDI_I
FSYNC_FLT_I
THERM_155_I
THERM_140_I
THERM_125_I
THERM_110_I
THERM_95_I
THERM_80_I
08
INT MASK2
R/W
1111_1111
WDI_M
FSYNC_FLT_M
THERM_155_M
THERM_140_M
THERM_125_M
THERM_110_M
THERM_95_M
THERM_80_M
09
INT SENSE2
R
xxxx_xxxx
WDI_S
FSYNC_FLT_S
THERM_155_S
THERM_140_S
THERM_125_S
THERM_110_S
THERM_95_S
THERM_80_S
0A
SW MODE INT
RW1C
0000_0000
—
SWND1_MODE_I
—
—
Reserved
Reserved
SW2_MODE_I
SW1_MODE_I
0B
SW MODE
MASK
R/W
0100_1111
—
SWND1_MODE_
M
—
—
Reserved
Reserved
SW2_MODE_M
SW1_MODE_M
0C
SW ILIM INT
RW1C
0000_0000
—
SWND1_ILIM_I
—
—
Reserved
Reserved
SW2_ILIM_I
SW1_ILIM_I
0D
SW ILIM MASK
R/W
0100_1111
—
SWND1_ILIM_M
—
—
Reserved
Reserved
SW2_ILIM_M
SW1_ILIM_M
0E
SW ILIM
SENSE
R
0x00_00xx
—
SWND1_ILIM_S
—
—
Reserved
Reserved
SW2_ILIM_S
SW1_ILIM_S
0F
LDO ILIM INT
RW1C
0000_0000
—
—
—
—
—
—
—
LDO1_ILIM_I
10
LDO ILIM
MASK
R/W
0000_0001
—
—
—
—
—
—
—
LDO1_ILIM_M
11
LDO ILIM
SENSE
R
0000_000x
—
—
—
—
—
—
—
LDO1_ILIM_S
12
SW UV INT
RW1C
0000_0000
—
SWND1_UV_I
—
—
Reserved
Reserved
SW2_UV_I
SW1_UV_I
13
SW UV MASK
R/W
0100_1111
—
SWND1_UV_M
—
—
Reserved
Reserved
SW2_UV_M
SW1_UV_M
14
SW UV SENSE
R
0x00_00xx
—
SWND1_UV_S
—
—
Reserved
Reserved
SW2_UV_S
SW1_UV_S
15
SW OV INT
RW1C
0000_0000
—
SWND1_OV_I
—
—
Reserved
Reserved
SW2_OV_I
SW1_OV_I
16
SW OV MASK
R/W
0100_1111
—
SWND1_OV_M
—
—
Reserved
Reserved
SW2_OV_M
SW1_OV_M
17
SW OV SENSE
R
0x00_00xx
—
SWND1_OV_S
—
—
Reserved
Reserved
SW2_OV_S
SW1_OV_S
18
LDO UV INT
RW1C
0000_0000
—
—
—
—
—
—
—
LDO1_UV_I
19
LDO UV MASK
R/W
0000_0001
—
—
—
—
—
—
—
LDO1_UV_M
1A
LDO UV
SENSE
R
0000_000x
—
—
—
—
—
—
—
LDO1_UV_S
1B
LDO OV INT
RW1C
0000_0000
—
—
—
—
—
—
—
LDO1_OV_I
1C
LDO OV MASK
R/W
0000_0001
—
—
—
—
—
—
—
LDO1_OV_M
1D
LDO OV
SENSE
R
0000_000x
—
—
—
—
—
—
—
LDO1_OV_S
1E
PWRON INT
RW1C
0000_0000
BGMON_I
PWRON_8S_I
PWRON_4S_I
PRON_3S_I
PWRON_2S_I
PWRON_1S_I
PWRON_REL_I
PWRON_PUSH_I
1F
PWRON MASK
R/W
1111_1111
BGMON_M
PWRON_8S_M
PWRON_4S_M
PRON_3S_M
PWRON_2S_M
PWRON_1S_M
PWRON_REL_M
PWRON_PUSH_
M
20
PWRON
SENSE
R
x000_000x
BGMON_S
—
—
—
—
—
—
PWRON_S
21
EN SENSE
R
0000_xxxx
—
—
—
—
EN4_S
EN3_S
EN2_S
EN1_S
22
SYS INT
R
0000_0000
EWARN_I
PWRON_I
OV_I
UV_I
ILIM_I
MODE_I
STATUS2_I
STATUS1_I
23
HARDFAULT
FLAGS
RW1C
0000_0000
—
—
—
—
PU_FAIL
WD_FAIL
REG_FAIL
TSD_FAIL
24
25
ABIST PGOOD
MON
R/SW
0000_0000
—
—
—
—
—
—
—
AB_PGOOD_
MON
26
ABIST OV1
R/SW
0000_0000
—
AB_SWND1_OV
—
—
Reserved
Reserved
AB_SW2_OV
AB_SW1_OV
27
ABIST OV2
R/SW
0000_0000
—
—
—
—
—
—
—
AB_LDO1_OV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com