Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATO Datasheet(PDF) 2 Page - LEM

Part # ATO
Description  ATO series is a split core current transformer for the electronic measurement of AC waveform current with galvanic separation between the primary circuit (power) and the secondary circuit (measurement).
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

ATO Datasheet(HTML) 2 Page - LEM

  ATO Datasheet HTML 1Page - LEM ATO Datasheet HTML 2Page - LEM ATO Datasheet HTML 3Page - LEM ATO Datasheet HTML 4Page - LEM ATO Datasheet HTML 5Page - LEM ATO Datasheet HTML 6Page - LEM ATO Datasheet HTML 7Page - LEM ATO Datasheet HTML 8Page - LEM ATO Datasheet HTML 9Page - LEM Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Page 2/18
28March2016/version 0
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice
www.lem.com
SPLIT CORE CURRENT TRANSFORMER
ATO Series
LEM City answers the demand for an accurate, reliable and easy to install energy sensor for future Smart Cities.
www.lemcity.com
Absolute maximum ratings
Parameter
Symbol
Unit
Value
Primary conductor temperature
T
B
°C
100
Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum ratings for extended periods may degrade reliability.
UL 508: Ratings and assumptions of certification
File # E189713 Volume: 2 Section: 8
Standards
● CSA C22.2 NO. 14-10 INDUSTRIAL CONTROL EQUIPMENT - Edition 11 - Revision Date 2011/08/01
● UL 508 STANDARD FOR INDUSTRIAL CONTROL EQUIPMENT - Edition 17 - Revision Date 2013/10/16
For use only in complete equipment where the acceptability of the combination is determined by UL.LLC.
Ratings
Parameter
Symbol
Unit
Value
Primary involved potential
V AC/DC
1000
Max surrounding air temperature
T
A
°C
70
Primary current
I
P
A
125
Conditions of acceptability
When installed in the end-use equipment, consideration shall be given to the following:
- These devices must be mounted in a suitable end-use enclosure.
- The terminals have not been evaluated for field wiring
- The products shall be used in a pollution degree 2
- Based on results of temperature test, in the end-use application a maximum of 100 °C can not be exceeded
on the primary conductor.
Marking
Only those products bearing the UL or UR Mark should be considered to be Listed or Recognized and covered under UL’s
Follow-Up Service. Always lood for the Mark on the product.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com