Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATO Datasheet(PDF) 3 Page - LEM

Part # ATO
Description  ATO series is a split core current transformer for the electronic measurement of AC waveform current with galvanic separation between the primary circuit (power) and the secondary circuit (measurement).
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

ATO Datasheet(HTML) 3 Page - LEM

  ATO Datasheet HTML 1Page - LEM ATO Datasheet HTML 2Page - LEM ATO Datasheet HTML 3Page - LEM ATO Datasheet HTML 4Page - LEM ATO Datasheet HTML 5Page - LEM ATO Datasheet HTML 6Page - LEM ATO Datasheet HTML 7Page - LEM ATO Datasheet HTML 8Page - LEM ATO Datasheet HTML 9Page - LEM Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Page 3/18
28March2016/version 0
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice
www.lem.com
SPLIT CORE CURRENT TRANSFORMER
ATO Series
LEM City answers the demand for an accurate, reliable and easy to install energy sensor for future Smart Cities.
www.lemcity.com
Insulation coordination
Parameter
Symbol
Unit
Value
Comment
Rms voltage for AC insulation test, 50 Hz, 1 min
U
d
kV
4.3
Between primary
(completely filling the hole)
and secondary
Impulse withstand voltage 1.2/50 µs
Û
W
kV
7.8
Partial discharge extinction rms voltage @ 10 pC
U
e
kV
1.8
Clearance (pri. - sec.)
d
CI
mm
8
Shortest distance through
air
Creepage distance (pri. - sec.)
d
Cp
mm
8
Shortest path along device
body
Case material flammability
-
--
V0
According to UL 94
Application example
-
600 V CAT III
PD2
Reinforced insulation
according to EN 50178
Application example
-
300 V CAT III
PD2
Reinforced insulation
according to EN 61010-1
Application example
-
600 V CAT IV
PD2
Basic insulation according
to EN 61010-1
Application example
-
1000 V CAT III
PD2
Basic insulation according
to EN 61010-1
Application example
-
According to UL 508
Environmental and mechanical characteristics
Parameter
Symbol
Unit
Min
Typ
Max
Comment
Ambient operating temperature
T
A
°C
−10
25
55
Ambient storage temperature
T
S
°C
−30
90
Relative humidity (non-condensing)
RH
%
0
85
Altitude above sea level
m
2000
Surrounding temperature according to UL
°C
70
Mass
m
g
81



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com