Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATO Datasheet(PDF) 11 Page - LEM

Part # ATO
Description  ATO series is a split core current transformer for the electronic measurement of AC waveform current with galvanic separation between the primary circuit (power) and the secondary circuit (measurement).
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

ATO Datasheet(HTML) 11 Page - LEM

Back Button ATO Datasheet HTML 7Page - LEM ATO Datasheet HTML 8Page - LEM ATO Datasheet HTML 9Page - LEM ATO Datasheet HTML 10Page - LEM ATO Datasheet HTML 11Page - LEM ATO Datasheet HTML 12Page - LEM ATO Datasheet HTML 13Page - LEM ATO Datasheet HTML 14Page - LEM ATO Datasheet HTML 15Page - LEM Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Page 11/18
28March2016/version 0
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice
www.lem.com
SPLIT CORE CURRENT TRANSFORMER
ATO Series
LEM City answers the demand for an accurate, reliable and easy to install energy sensor for future Smart Cities.
www.lemcity.com
Electrical data ATO-60-B333-D10
At T
A = 25 °C, Rbr = 100 kΩ, unless otherwise noted.
Parameter
Symbol Unit
Min
Value Max
Comment
Rated burden
R
br
kΩ
100
Rated primary current
I
Pr
A
60
Rated extended primary current
I
ePr
A
72
120 % of I
Pr
Rated short-time thermal current
I
th
kA
3.6
1)
at 50 Hz; 60 x I
Pr (1 s)
Rated dynamic current
I
dyn
kA
9
at 50 Hz; 2.5 x I
th
Rated transformation ratio
k
ra
A/V
180
Rated secondary voltage
U
Sr
mV
333
Rated frequency
f
r
Hz
50/60
Parameter
Symbol Unit
Min
Typ
Max
Comment
Frequency bandwidth (−3 dB)
BW
kHz
1.5
2)
Short circuit condition (no load).
Phase displacement
∆φ
°
−1
1
3)
(−10 °C ... 55 °C) Detail page 14
Temperature coefficient of I
out
TCI
out
ppm/k
80
Ratio error
ε
%
−1
1
3)
(−10 °C ... 55 °C) Detail page 14
Linearity error
ε
L
%
−0.1
0.1
Influence of external conductor
ε
ext
%
0.3
Notes: 1) No test conducted given that is the worst case (load = 100 kΩ i.e short circuit on the output) the peak dissipated
power remains low.
2)
Frequency bandwidth and phase shift modeling schematic can be provided on request.
3)
Considering a primary conductor of at least
⌀ 9 mm perpendicular to the current transfomer. All our LEMcity transducers
class I are tested at 5 %, 20 % 100 % and 120 % of I
Pr to be according to IEC61869-2 table 201.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com