Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DFR1037 Datasheet(PDF) 4 Page - DFROBOT

Part # DFR1037
Description  SKU_DFR1037_2_Channel_PWM_to_0-VCC_DAC WIKI
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR1037 Datasheet(HTML) 4 Page - DFROBOT

  DFR1037 Datasheet HTML 1Page - DFROBOT DFR1037 Datasheet HTML 2Page - DFROBOT DFR1037 Datasheet HTML 3Page - DFROBOT DFR1037 Datasheet HTML 4Page - DFROBOT DFR1037 Datasheet HTML 5Page - DFROBOT DFR1037 Datasheet HTML 6Page - DFROBOT DFR1037 Datasheet HTML 7Page - DFROBOT DFR1037 Datasheet HTML 8Page - DFROBOT DFR1037 Datasheet HTML 9Page - DFROBOT Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
FEATURES
Support 3.3-V-5V power supply.
Output voltage linearity error of 0.1%.
Two channels of voltage output, either 0-2.5V or 0-VCC, enabling connection and control of standard
analog voltage devices.
Gravity interface, PWM communication, Arduino control, suitable for program automation control.
PWM signals can be utilized to drive the module, enabling it to be controlled simply by the digital port
of the MCU.
INTRODUCTION
DFR1037 GP8501 (2-
Channel PWM to 0-
2.5V/VCC DAC Module)
FUNCTIONS
FEATURES
DIMENSION
FUNCTIONAL DIAGRAM
SPECIFICATIONS
TUTORIAL
More Documents
FAQ
2024/5/14 18:29
SKU_DFR1037_2_Channel_PWM_to_0-VCC_DAC WIKI
https://wiki.dfrobot.com/SKU_DFR1037_2_Channel_PWM_to_0-VCC_DAC
4/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com