Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DFR1037 Datasheet(PDF) 9 Page - DFROBOT

Part # DFR1037
Description  SKU_DFR1037_2_Channel_PWM_to_0-VCC_DAC WIKI
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR1037 Datasheet(HTML) 9 Page - DFROBOT

Back Button DFR1037 Datasheet HTML 5Page - DFROBOT DFR1037 Datasheet HTML 6Page - DFROBOT DFR1037 Datasheet HTML 7Page - DFROBOT DFR1037 Datasheet HTML 8Page - DFROBOT DFR1037 Datasheet HTML 9Page - DFROBOT DFR1037 Datasheet HTML 10Page - DFROBOT DFR1037 Datasheet HTML 11Page - DFROBOT DFR1037 Datasheet HTML 12Page - DFROBOT DFR1037 Datasheet HTML 13Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
In the state of 0-2.5V:
Channel 0 inputs 176, resulting in an output of 1.725V.
Channel 1 inputs 103, resulting in an output of 1.009V.
In the state of 0-VCC:
Channel 0 inputs 176, resulting in an output of 3.29V.
Channel 1 inputs 103, resulting in an output of 1.926V.
SOFTWARE REQUIREMENTS
Download Arduino IDE: Click to download Arduino IDE (https://www.arduino.cc/en/Main/Software)
Download Arduino libraries: Click to download https://github.com/DFRobot/DFRobot_GP8XXX
(https://github.com/DFRobot/DFRobot_GP8XXX)
Click the link to view:How to install the library?; (http://www.dfrobot.com.cn/community/forum.php?
mod=viewthread&tid=1854&page=1&extra=#pid6955)
Note: All modules in this series utilize the same library.
INTRODUCTION
DFR1037 GP8501 (2-
Channel PWM to 0-
2.5V/VCC DAC Module)
FUNCTIONS
FEATURES
DIMENSION
FUNCTIONAL DIAGRAM
SPECIFICATIONS
TUTORIAL
More Documents
FAQ
2024/5/14 18:29
SKU_DFR1037_2_Channel_PWM_to_0-VCC_DAC WIKI
https://wiki.dfrobot.com/SKU_DFR1037_2_Channel_PWM_to_0-VCC_DAC
9/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com