Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DFR1037 Datasheet(PDF) 8 Page - DFROBOT

Part # DFR1037
Description  SKU_DFR1037_2_Channel_PWM_to_0-VCC_DAC WIKI
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR1037 Datasheet(HTML) 8 Page - DFROBOT

Back Button DFR1037 Datasheet HTML 4Page - DFROBOT DFR1037 Datasheet HTML 5Page - DFROBOT DFR1037 Datasheet HTML 6Page - DFROBOT DFR1037 Datasheet HTML 7Page - DFROBOT DFR1037 Datasheet HTML 8Page - DFROBOT DFR1037 Datasheet HTML 9Page - DFROBOT DFR1037 Datasheet HTML 10Page - DFROBOT DFR1037 Datasheet HTML 11Page - DFROBOT DFR1037 Datasheet HTML 12Page - DFROBOT Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Name
Description
Remarks
D1
PWM Input Port 1
0-2.5V/0-VCC Switching Switch
0-VCC
Switch output voltage to 0V-VCC
0-2.5V
Switch output voltage to 0V-2.5V
Voltage Signal Output Port
VOUT0
Positive terminal of output voltage signal 0
VOUT1
Positive terminal of output voltage signal 1
GND
Negative terminal of the output voltage signal
SPECIFICATIONS
Chip Type: GP8501
Operating Voltage: 3.3V-5V
Output Voltage: 0-2.5V or 0-VCC
Number of Channels: 2 channels
Communication Method: PWM
Resolution: 8-bit
Value Range: 0 - 255 corresponding to 0-2.5V or 0-VCC
Output voltage linearity error: 0.1%
TUTORIAL
In this example, We will demonstrate the varying voltage values output by two channels in two different
states.
Input signal value range: 0-255
INTRODUCTION
DFR1037 GP8501 (2-
Channel PWM to 0-
2.5V/VCC DAC Module)
FUNCTIONS
FEATURES
DIMENSION
FUNCTIONAL DIAGRAM
SPECIFICATIONS
TUTORIAL
More Documents
FAQ
2024/5/14 18:29
SKU_DFR1037_2_Channel_PWM_to_0-VCC_DAC WIKI
https://wiki.dfrobot.com/SKU_DFR1037_2_Channel_PWM_to_0-VCC_DAC
8/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com