Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S32K341EHT0MPAST Datasheet(PDF) 2 Page - NXP Semiconductors

Part # S32K341EHT0MPAST
Description  SOFTWARE DEVELOPMENT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K341EHT0MPAST Datasheet(HTML) 2 Page - NXP Semiconductors

  S32K341EHT0MPAST Datasheet HTML 1Page - NXP Semiconductors S32K341EHT0MPAST Datasheet HTML 2Page - NXP Semiconductors S32K341EHT0MPAST Datasheet HTML 3Page - NXP Semiconductors S32K341EHT0MPAST Datasheet HTML 4Page - NXP Semiconductors S32K341EHT0MPAST Datasheet HTML 5Page - NXP Semiconductors S32K341EHT0MPAST Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
S32K FAMILY SCALABILITY
S32K3 FAMILY BLOCK DIAGRAM
S32K Family Scalability
K11 (single core)
K14 (single core)
K31 (single core)
K32 (dual core)
K34 (lockstep core)
K33
(triple core)
128 KB
*HDQFP
240 MHz
172*/289 pin
240 MHz
172*/289 pin
160/240 MHz
100*/172*/257/289 pin
160 MHz
100*/172*/257/289 pin
120/160 MHz
48/100*/172*/257 pin
80 MHz
48/64/100/144/176 pin
48 MHz
32/48/64 pin
256 KB
512 KB
1 MB
2 MB
4 MB
8 MB
K35 (lockstep
+ single)
S32K FAMILY SCALABILITY BLOCK DIAGRAM
www.nxp.com/S32K3
2
K311
1 x Arm® Cortex®-M7
@120 MHz
2 x Cortex-M7 @160 MHz
1 lockstep Cortex-M7 @ 160 MHz
2 x Cortex-M7
@ 160 MHz
1 LS Cortex-M7
@ 160 MHz
3 x Cortex-M7
@ 240 MHz
1 LS Cortex-M7 +
1 Cortex-M7
@ 240 MHz
AEC-Q100, 125 °C, 3.3/5 V
HSE-B
Crypto Security Engine
Low-Power Operating Modes and
Peripherals
(LP UART, FlexIO)
ASIL B/D Safety:
(ECC Memories, MPU, CRC,
Watchdogs)
JTAG
Real-Time Drivers
(AUTOSAR® and Non-AUTOSAR)
Security Framework Safety
Software Framework
Application Software
S32 Design Studio IDE
FOTA
(Firmware Over-the-Air)
eMIOS Timers, Analog
Comparator, Logic Control Unit,
Body Cross Triggering Unit,
Trigger Mux
1 MB Flash
2 MB Flash
256 KB SRAM
512 KB SRAM
256 KB SRAM
512 KB SRAM
4 MB Flash
2 MB Flash
4 MB Flash
1152 KB SRAM
8 MB Flash
up to 218 I/Os
1152 KB SRAM
1152 KB SRAM
1152 KB SRAM
up to 84 I/Os
up to 143 I/Os
4 x CAN
(4 x FD)
6 x CAN
(6 x FD)
4 x CAN
(4 x FD)
4 x CAN
(4 x FD)
6 x CAN
(6 x FD)
8 x CAN
(8 x FD)
8 x CAN
(8 x FD)
8 x CAN
(8 x FD)
8 x CAN
(8 x FD)
up to 218 I/Os
256 KB SRAM
1 MB Flash
up to 143 I/Os
up to 143 I/Os
up to 218 I/Os
16-ch. eDMA
32-ch. eDMA
100 Mbit/s Ethernet (TSN)
1 Gbit/s Ethernet (TSN)
Quad SPI
Quad SPI + SDHC (SDIO)
2 x SAI (I2S)
HDQFP-172
HDQFP-100
HDQFP-100
HDQFP-100
MAPBGA-257
MAPBGA-257
MAPBGA-289
6 x CAN (6 x FD)
2 x 24-ch.
12-bit ADC
LQFP-48
MAPBGA-257
HDQFP-172
HDQFP-100
100 Mbit/s
Ethernet (TSN)
2 x I2C
4 x SPI*
2 x I2C
2 x I2C
2 x I2C
2 x 24-ch.
12-bit ADC
3 x 24-ch.
12-bit ADC
2 x 24-ch.
12-bit ADC
3 x 24-ch.
12-bit ADC
2 x I2C
2 x I2C
2 x I2C
4 x SPI*
6 x SPI*
2 x 24-ch.
12-bit ADC
4 x SPI*
4 x SPI*
6 x SPI*
2 x I2C
2 x I2C
6 x SPI*
Quad SPI
2 x SAI (I2S)
3 x 24-ch.
12-bit ADC
32-ch. eDMA
3 x CAN
(3 x FD)
up to 143 I/Os
up to 218 I/Os
128 KB SRAM
192 KB SRAM
512 KB SRAM
2 MB Flash
4 MB Flash
1x Cortex-M7
@160 MHz
K312
K314
Common Features
K322
K324
K341
K342
K344
K328
K348
K338
K358
S32K3 FAMILY BLOCK DIAGRAM
*Low Power Serial Peripheral Interface (LPSPI) modules with DMA support



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com