Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S32K341EHT0MPAST Datasheet(PDF) 1 Page - NXP Semiconductors

Part # S32K341EHT0MPAST
Description  SOFTWARE DEVELOPMENT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K341EHT0MPAST Datasheet(HTML) 1 Page - NXP Semiconductors

  S32K341EHT0MPAST Datasheet HTML 1Page - NXP Semiconductors S32K341EHT0MPAST Datasheet HTML 2Page - NXP Semiconductors S32K341EHT0MPAST Datasheet HTML 3Page - NXP Semiconductors S32K341EHT0MPAST Datasheet HTML 4Page - NXP Semiconductors S32K341EHT0MPAST Datasheet HTML 5Page - NXP Semiconductors S32K341EHT0MPAST Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
FEATURES AND PERFORMANCE
• Lockstep Arm Cortex-M7 cores, 120–240 MHz + FPU
• 512 KB, 8 MB Flash with ECC
• FOTA, A/B firmware swap with zero downtime, rollback
support and automatic address translation
• 12-bit 1 Msps ADCs, 16-bit eMIOS timers with logic
control unit for motor control
• Low power run and standby modes, fast wake-up,
clock and power gating
• HDQFP and BGA packages
HDQFP PACKAGE TECHNOLOGY
• QFP ‘gull-wing and PLCC J-lead’ in single package
• 172-pin (16 x 16 mm), 100-pin (10 x 10 mm),
0.65 mm pin pitch
• AEC-Q100 qualified: Grade 1 (-40 ºC to +125 ºC) and
Grade 2 (-40 ºC to +115 ºC)
SAFETY, SECURITY AND CONNECTIVITY
• ISO 26262 up to ASIL D
• Fault collection and control unit (FCCU)
• Hardware and software watchdogs, clock/power/
temperature monitors
• Safety documentation and SafeAssure®
community support
• HSE security engine: AES-128/192/256, RSA and
ECC encryption, secure boot and key storage, side
channel protection, ISO 21434 intended
• Ethernet TSN and AVB (100 Mbps/1 Gbps), CAN-
FD, FlexIO (SPI/IIC/IIS/SENT protocol), serial audio
interface, QSPI
PRODUCTION-GRADE SOFTWARE
• Real
-Time Drivers (RTD): free of charge (AUTOSAR and
non- AUTOSAR), ASIL D compliant
• Security firmware: NXP provided, field upgradeable
• Safety Framework Software (SAF) and Structural Core
Self-Test (SCST) library for functional safety applications
• S32 Design Studio IDE (S32DS): Eclipse, GCC and
debugger, third-party support
• Model-Based Design Toolbox (MBDT) for MathWorks®
MATLAB® software
The S32K3 family includes scalable 32-bit Arm Cortex-M7 based MCUs in single, dual
and Lockstep core configurations supporting up to ASIL D level safety. Features include
a hardware security subsystem with NXP firmware, support for firmware over-the-air
(FOTA) updates, and ISO 26262 compliant Real-Time Drivers (RTD) software package for
AUTOSAR® and non-AUTOSAR.
S32K3 MCUs are available in NXP’s new HDQFP packaging technology which reduces
package footprint by up to 55% compared with standard QFP packages.
S32K3 Arm® CORTEX®-M7 BASED MCUs
SIMPLIFYING SOFTWARE DEVELOPMENT
FOR AUTOMOTIVE AND INDUSTRIAL


Similar Part No. - S32K341EHT0MPAST

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
S32K341 NXP-S32K341 Datasheet
1Mb / 137P
Supports S32K344, S32K324, S32K314, S32K312, S32K341 and S32K342. Data is preliminary for S32K311, S32K310, S32K328, S32K338, S32K348, S32K358 and S32K388
Rev. 5.2 - 10/2022
S32K341 NXP-S32K341 Datasheet
1Mb / 141P
Supports S32K344, S32K324, S32K314, S32K312, S32K341 and S32K342. Data is preliminary for S32K311, S32K310, S32K328, S32K338, S32K348, S32K358 and S32K388
Rev. 6 - 11/2022
S32K341 NXP-S32K341 Datasheet
1Mb / 146P
Supports S32K344, S32K324, S32K314, S32K312, S32K341 and S32K342. Data is preliminary for S32K311, S32K310, S32K328, S32K338, S32K348, S32K358 and S32K388
Rev. 7 - 04/2023
S32K341 NXP-S32K341 Datasheet
1Mb / 136P
Supports S32K344, S32K324, S32K314, S32K312, S32K311, S32K310, S32K341, S32K342 and S32K322. Data is preliminary for S32K328, S32K338, S32K348, S32K358 and S32K388
Rev. 8 - 06/2023
S32K341 NXP-S32K341 Datasheet
1Mb / 143P
Automotive General Purpose MCUs
Rev. 9.1 - 03/2024
More results

Similar Description - S32K341EHT0MPAST

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST20 STMICROELECTRONICS-ST20 Datasheet
129Kb / 21P
ST20 software development and debugging tools
Dec-1995
logo
Intersil Corporation
DECIMATE INTERSIL-DECIMATE Datasheet
48Kb / 5P
Decimating Digital Filter Development Software
May 1999
logo
Freescale Semiconductor...
SDK135 FREESCALE-SDK135 Datasheet
592Kb / 52P
Embedded SDK (Software Development Kit)
logo
Broadcom Corporation.
CALISTO-BCM1500 BOARDCOM-CALISTO-BCM1500 Datasheet
685Kb / 2P
SOFTWARE DEVELOPMENT KIT
BCM1600-BTE BOARDCOM-BCM1600-BTE Datasheet
437Kb / 2P
BTE-AUDIO SOFTWARE AND DEVELOPMENT ENVIRONMENT
logo
Silicon Laboratories
AN668 SILABS-AN668 Datasheet
337Kb / 10P
PRECISION32??SOFTWARE DEVELOPMENT KIT CODE
AN673 SILABS-AN673 Datasheet
47Kb / 4P
PRECISION32??SOFTWARE DEVELOPMENT KIT
logo
STMicroelectronics
AN1774 STMICROELECTRONICS-AN1774 Datasheet
106Kb / 9P
STR71x SOFTWARE DEVELOPMENT GETTING STARTED
Rev. 1.3
STREALIZER-II STMICROELECTRONICS-STREALIZER-II Datasheet
50Kb / 4P
STREALIZER-II development software
12-Nov-2010
logo
PHOENIX CONTACT
2985990 PHOENIX-2985990 Datasheet
87Kb / 3P
Development software for web-based visualizations
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com