Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S32K341EHT0MPAST Datasheet(PDF) 5 Page - NXP Semiconductors

Part # S32K341EHT0MPAST
Description  SOFTWARE DEVELOPMENT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K341EHT0MPAST Datasheet(HTML) 5 Page - NXP Semiconductors

  S32K341EHT0MPAST Datasheet HTML 1Page - NXP Semiconductors S32K341EHT0MPAST Datasheet HTML 2Page - NXP Semiconductors S32K341EHT0MPAST Datasheet HTML 3Page - NXP Semiconductors S32K341EHT0MPAST Datasheet HTML 4Page - NXP Semiconductors S32K341EHT0MPAST Datasheet HTML 5Page - NXP Semiconductors S32K341EHT0MPAST Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
www.nxp.com
/S32K3
5
S32K344 MOTOR CONTROL KIT (MCSPTE1AK344)
• Supports S32K3 automotive general-purpose MCU
• FS26 Power SBC, with +5.0 V, +3.3 V and +1.5 V
• GD3000 3-phase brushless motor pre-driver
• Integrated motor control shield compatible up to 12 V/5 A
3-phase power stage board based on SMARTMOS™ GD3000
pre-driver with condition monitoring and fault detection
• Low-Cost PM motor—3-phase PM motor equipped
with Hall sensor, 24 VDC, 9000 RPM, 95 W,
42BLY3A78-24110
• USB cable
• 12 VDC power supply
• On-board S32K3 debug interface (including serial
communication)
• On-board CAN, LIN and Ethernet (RJ45 connector) interfaces
S32K3X4EVB-T172
• Supports S32K344/24/14 (172HDQFP)
• FS26 Power SBC, with +5.0 V, +3.3 V and +1.5 V
• Arduino® UNO footprint compatible with expansion support
• Integrated debug adapter with P&E firmware and JTAG
connectors for external debuggers
• micro USB debug interface with virtual COM port
• Easy access to all the MCU I/O pins for prototyping
• Ethernet 100BASE-T1 Physical Layer interface
• Touch pad interface, 2x user push buttons, user RGB LED, and
ADC rotary potentiometer
• [1] CAN physical layer with TJA1153 Secure HS-CAN (FD)
Transceiver with Sleep Mode
• [2] LIN physical layers with TJA1022 Dual LIN 2.2A/SAE J2602
Transceiver
S32K312EVB-Q172
• Supports S32K312 (172 HDQFP)
• FS26 Power SBC: +5.0 V, +3.3 V, and +1.5 V
• Arduino® UNO footprint-compatible with expansion support
• Integrated debug interface with P&E firmware and 10-pin
JTAG connectors for external debuggers
• Easy access to all the MCU I/O pins for prototyping
• Touch pad interface, push buttons, RGB LED, ADC
Potentiometers
• [1] CAN physical layers with the TJA1043 CAN-FD transceiver
with sleep mode
• [2] LIN physical layers with the TJA1022T:
LIN 2.1/SAE J2602 transceiver
S32K3-T-BOX
• Reference design for cost-effective vehicle networking and
telematics applications.
• Supports S32K344 with lockstep Arm® Cortex®-M7 (172
HDQFP)
• FS26 Power SBC, with +5.0 V, +3.3 V and +1.5 V.
• Features SJA1110 TSN Ethernet switch
• Features LIN, CAN FD and HS-CAN transceivers
• Features the SGTL5000 audio codec
• Wireless connectivity featuring the AW690 Wi-Fi® 6 SoC
• [1] CAN physical layers with the TJA1153 -Secure HS-CAN
transceiver with sleep mode
• [2] CAN physical layers with the TJA1463 and TJA1462 CAN
transceivers with sleep and standby modes
• [1] CAN FD physical layers with the TJA144x transceiver
• [4] LIN physical layers with the TJA1124 Quad-LIN commander
S32K3 HARDWARE TOOLS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com