Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

1771127. Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1771127.
Description  PTSM 0,5/ 5-2,5-V SMD R44 - PCB terminal block
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1771127. Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1771127. Datasheet HTML 1Page - PHOENIX CONTACT 1771127. Datasheet HTML 2Page - PHOENIX CONTACT 1771127. Datasheet HTML 3Page - PHOENIX CONTACT 1771127. Datasheet HTML 4Page - PHOENIX CONTACT 1771127. Datasheet HTML 5Page - PHOENIX CONTACT 1771127. Datasheet HTML 6Page - PHOENIX CONTACT 1771127. Datasheet HTML 7Page - PHOENIX CONTACT 1771127. Datasheet HTML 8Page - PHOENIX CONTACT 1771127. Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Please be informed that the data shown in this PDF document is generated from our Online Catalog. Please find the complete data in the user
documentation. Our General Terms of Use for Downloads are valid.
PCB terminal block, nominal current: 6 A, rated voltage (III/2): 160 V, nominal cross section: 0.5
mm2, number of potentials: 5, number of rows: 1, number of positions per row: 5, product range:
PTSM 0,5/..-V-SMD, pitch: 2.5 mm, connection method: Push-in spring connection, mounting:
SMD soldering, conductor/PCB connection direction: 90 °, color: black, Pin layout: Linear
pinning, number of solder pins per potential: 1, type of packaging: 44 mm wide tape
Your advantages
Time saving push-in connection, tools not required
•
Defined contact force ensures that contact remains stable over the long term
•
High current carrying capacity of 6 A in very compact dimensions
•
Designed for integration into the SMT soldering process
•
Vertical connection enables multi-row arrangement on the PCB
•
Additional solder anchors reduce the mechanical strain on the soldering spots
•
Commercial Data
Item number
1771127
Packing unit
400 pc
Minimum order quantity
400 pc
Sales Key
AAK
Product Key
AAKDAC
Catalog Page
Page 53 (C-1-2013)
GTIN
4046356460156
Weight per Piece (including packing)
2.64 g
Weight per Piece (excluding packing)
2.6 g
Customs tariff number
85369010
Country of origin
IN
PTSM 0,5/ 5-2,5-V SMD R44 - PCB terminal block
1771127
https://www.phoenixcontact.com/in/products/1771127
Jun 7, 2023, 3:53 PM
Page 1 (14)


Similar Part No. - 1771127.

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1771127 PHOENIX-1771127 Datasheet
140Kb / 5P
PTSM 0,5/ 5-2,5-V SMD R44
More results

Similar Description - 1771127.

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1771127 PHOENIX-1771127 Datasheet
140Kb / 5P
PTSM 0,5/ 5-2,5-V SMD R44
1814757 PHOENIX-1814757 Datasheet
81Kb / 5P
PCB terminal block - PTSM 0,5/ 7-2,5-V SMD WH R44
1814760 PHOENIX-1814760 Datasheet
81Kb / 5P
PCB terminal block - PTSM 0,5/ 8-2,5-V SMD WH R44
1814676 PHOENIX-1814676 Datasheet
83Kb / 5P
PCB terminal block - PTSM 0,5/ 6-2,5-H SMD WH R44
1814702 PHOENIX-1814702 Datasheet
122Kb / 5P
PCB terminal block - PTSM 0,5/ 2-2,5-V SMD WH R44
1814715 PHOENIX-1814715 Datasheet
81Kb / 5P
PCB terminal block - PTSM 0,5/ 3-2,5-V SMD WH R44
1814728 PHOENIX-1814728 Datasheet
81Kb / 5P
PCB terminal block - PTSM 0,5/ 4-2,5-V SMD WH R44
1814731 PHOENIX-1814731 Datasheet
81Kb / 5P
PCB terminal block - PTSM 0,5/ 5-2,5-V SMD WH R44
1814744 PHOENIX-1814744 Datasheet
81Kb / 5P
PCB terminal block - PTSM 0,5/ 6-2,5-V SMD WH R44
1814663 PHOENIX-1814663 Datasheet
83Kb / 5P
PCB terminal block - PTSM 0,5/ 5-2,5-H SMD WH R44
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com