Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

1771127. Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1771127.
Description  PTSM 0,5/ 5-2,5-V SMD R44 - PCB terminal block
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1771127. Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1771127. Datasheet HTML 1Page - PHOENIX CONTACT 1771127. Datasheet HTML 2Page - PHOENIX CONTACT 1771127. Datasheet HTML 3Page - PHOENIX CONTACT 1771127. Datasheet HTML 4Page - PHOENIX CONTACT 1771127. Datasheet HTML 5Page - PHOENIX CONTACT 1771127. Datasheet HTML 6Page - PHOENIX CONTACT 1771127. Datasheet HTML 7Page - PHOENIX CONTACT 1771127. Datasheet HTML 8Page - PHOENIX CONTACT 1771127. Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Technical Data
Product properties
Product line
COMBICON Terminals XS
Product type
Printed circuit board terminal
Product family
PTSM 0,5/..-V-SMD
Number of positions
5
Pitch
2.5 mm
Number of connections
5
Number of rows
1
Number of potentials
5
Pin layout
Linear pinning
Solder pins per potential
1
Electrical properties
Nominal current IN
6 A
Nominal voltage UN
160 V
Degree of pollution
3
Rated voltage (III/3)
32 V
Rated surge voltage (III/3)
2.5 kV
Rated voltage (III/2)
160 V
Rated surge voltage (III/2)
2.5 kV
Rated voltage (II/2)
160 V
Rated surge voltage (II/2)
2.5 kV
Connection data
Connection technology
Nominal cross section
0.5 mm²
Conductor connection
Connection method
Push-in spring connection
Conductor cross section rigid
0.14 mm² ... 0.5 mm²
Conductor cross section flexible
0.2 mm² ... 0.5 mm² (up to 0.75 mm² supported, with a stripping
length of 7.5 mm and a rated insulation voltage of 32 V at III/2)
Conductor cross section AWG
26 ... 20
Conductor cross section flexible, with ferrule without plastic
sleeve
0.25 mm² ... 0.5 mm²
Conductor cross section, flexible, with ferrule, with plastic sleeve
0.25 mm² ... 0.34 mm²
Cylindrical gauge a x b / diameter
- / 1.2 mm
Stripping length
6 mm
Mounting
Mounting type
SMD soldering
Pin layout
Linear pinning
PTSM 0,5/ 5-2,5-V SMD R44 - PCB terminal block
1771127
https://www.phoenixcontact.com/in/products/1771127
Jun 7, 2023, 3:53 PM
Page 2 (14)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com