Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

1771127. Datasheet(PDF) 12 Page - PHOENIX CONTACT

Part # 1771127.
Description  PTSM 0,5/ 5-2,5-V SMD R44 - PCB terminal block
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1771127. Datasheet(HTML) 12 Page - PHOENIX CONTACT

Back Button 1771127. Datasheet HTML 6Page - PHOENIX CONTACT 1771127. Datasheet HTML 7Page - PHOENIX CONTACT 1771127. Datasheet HTML 8Page - PHOENIX CONTACT 1771127. Datasheet HTML 9Page - PHOENIX CONTACT 1771127. Datasheet HTML 10Page - PHOENIX CONTACT 1771127. Datasheet HTML 11Page - PHOENIX CONTACT 1771127. Datasheet HTML 12Page - PHOENIX CONTACT 1771127. Datasheet HTML 13Page - PHOENIX CONTACT 1771127. Datasheet HTML 14Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Accessories
SZS 0,4X2,0 - Screwdriver
1205202
https://www.phoenixcontact.com/in/products/1205202
Micro screwdriver, bladed, size: 0.4 x 2.0 x 60 mm, 2-component grip, with non-
slip grip and twist cap
AI 0,25- 6 BU - Ferrule
3203040
https://www.phoenixcontact.com/in/products/3203040
Ferrule, sleeve length: 6 mm, length: 10.5 mm, color: blue
PTSM 0,5/ 5-2,5-V SMD R44 - PCB terminal block
1771127
https://www.phoenixcontact.com/in/products/1771127
Jun 7, 2023, 3:53 PM
Page 12 (14)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com