Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CAT4134 Datasheet(PDF) 4 Page - Catalyst Semiconductor

Part # CAT4134
Description  500mA Dual Channel Movie/Flash LED Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT4134 Datasheet(HTML) 4 Page - Catalyst Semiconductor

  CAT4134_08 Datasheet HTML 1Page - Catalyst Semiconductor CAT4134_08 Datasheet HTML 2Page - Catalyst Semiconductor CAT4134_08 Datasheet HTML 3Page - Catalyst Semiconductor CAT4134_08 Datasheet HTML 4Page - Catalyst Semiconductor CAT4134_08 Datasheet HTML 5Page - Catalyst Semiconductor CAT4134_08 Datasheet HTML 6Page - Catalyst Semiconductor CAT4134_08 Datasheet HTML 7Page - Catalyst Semiconductor CAT4134_08 Datasheet HTML 8Page - Catalyst Semiconductor CAT4134_08 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
CAT4134
Doc. No. MD-5021 Rev. B
4
© Catalyst Semiconductor, Inc.
Characteristics subject to change without notice.
TYPICAL CHARACTERISTICS
VIN = 3.6V, FLASH = VIN, CIN = 4.7µF, COUT = 10µF, L = 22µH with 2 LEDs at 100mA, TAMB = 25ºC, unless
otherwise specified.
LED Current Regulation (100mA load)
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
2.53.0
3.54.04.5
INPUT VOLTAGE [V]
1 LED
2 LEDs
LED Current Regulation (200mA load, Flash)
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
INPUT VOLTAGE [V]
2 LEDs
Current Gain vs. RFLASH
1600
1650
1700
1750
1800
1850
1900
0
50
100
150
200
Rflash [kohm]
2 LEDs
VIN= 3.6V
LED Current Regulation (100mA load, Flash)
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
INPUT VOLTAGE [V]
2 LEDs at 100mA
Efficiency vs. Output Current (Flash mode)
40
50
60
70
80
90
0
50
100
150
200
250
TOTAL LED CURRENT [mA]
VIN = 3.6V
2 LEDs
Efficiency vs. Input Voltage (Flash mode)
40
50
60
70
80
90
2.5
3.0
3.5
4.0
4.5
5.0
INPUT VOLTAGE [V]
2 LEDs at 100mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com