Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CAT4134 Datasheet(PDF) 5 Page - Catalyst Semiconductor

Part # CAT4134
Description  500mA Dual Channel Movie/Flash LED Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT4134 Datasheet(HTML) 5 Page - Catalyst Semiconductor

  CAT4134_08 Datasheet HTML 1Page - Catalyst Semiconductor CAT4134_08 Datasheet HTML 2Page - Catalyst Semiconductor CAT4134_08 Datasheet HTML 3Page - Catalyst Semiconductor CAT4134_08 Datasheet HTML 4Page - Catalyst Semiconductor CAT4134_08 Datasheet HTML 5Page - Catalyst Semiconductor CAT4134_08 Datasheet HTML 6Page - Catalyst Semiconductor CAT4134_08 Datasheet HTML 7Page - Catalyst Semiconductor CAT4134_08 Datasheet HTML 8Page - Catalyst Semiconductor CAT4134_08 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
CAT4134
© Catalyst Semiconductor, Inc.
5
Doc. No. MD-5021 Rev. B
Characteristics subject to change without notice.
TYPICAL CHARACTERISTICS
VIN = 3.6V, FLASH = VIN, CIN = 4.7µF, COUT = 10µF, L = 22µH with 2 LEDs at 100mA, TAMB = 25ºC, unless
otherwise specified.
Power-up Transient (2 LEDs at 200mA)
Power-up Transient (2 LEDs at 200mA)
Power-up Transient (2 LEDs at 200mA)
Power-up Transient (2 LEDs at 200mA)
Switching Waveform in Flash mode (2 LEDs)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com