Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CAT4134 Datasheet(PDF) 8 Page - Catalyst Semiconductor

Part # CAT4134
Description  500mA Dual Channel Movie/Flash LED Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT4134 Datasheet(HTML) 8 Page - Catalyst Semiconductor

Back Button CAT4134_08 Datasheet HTML 4Page - Catalyst Semiconductor CAT4134_08 Datasheet HTML 5Page - Catalyst Semiconductor CAT4134_08 Datasheet HTML 6Page - Catalyst Semiconductor CAT4134_08 Datasheet HTML 7Page - Catalyst Semiconductor CAT4134_08 Datasheet HTML 8Page - Catalyst Semiconductor CAT4134_08 Datasheet HTML 9Page - Catalyst Semiconductor CAT4134_08 Datasheet HTML 10Page - Catalyst Semiconductor CAT4134_08 Datasheet HTML 11Page - Catalyst Semiconductor CAT4134_08 Datasheet HTML 12Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
CAT4134
Doc. No. MD-5021 Rev. B
8
© Catalyst Semiconductor, Inc.
Characteristics subject to change without notice.
DEVICE OPERATION
The device is powered from the input pin VIN. A
switching frequency of 1.2MHz is used in Movie mode,
when the FLASH input is low. Continuous LED current
up to 50mA is controlled by the RSET resistor. For
higher load current, the Flash mode is selected by
setting the FLASH input pin high. RFLASH now
controls the LED current. In flash mode, the driver
efficiency is kept high even under high load current by
using a lower switching frequency of 900kHz. In movie
mode, the higher frequency of 1.2MHz provides a lower
noise operation.
Overvoltage Protection (OVP)
To prevent the SW pin voltage from exceeding the
internal switch maximum voltage rating, an overvoltage
protection (OVP) function is supported. The OVP pin
allows to set the maximum operating voltage on the
output VOUT using external resistors R1 and R2. The
resistor ratio sets the maximum output voltage as
shown in the equation below:
R1/R2 = (VOUTMAX /1.2) - 1.2
VOUTMAX should always be higher than the total LED
forward voltage (
ΣVf) plus 1.2V. Also VOUT must be
less than
ΣVf + 8V.
ΣVf + 1.2V < VOUTMAX < ΣVf + 8V < 16V
If the overvoltage protection is not needed, then the
OVP pin should be connected to Ground. In that case,
the maximum voltage on the SW pin is set to 17V.
BLOCK DIAGRAM
Dual
Frecuency
PWM
Controller
SW
PGND
LED2
LED1
OVP
AGND
RSET
mux
RSET
RFLASH
FLASH
EN
VIN
VIN
VOUT
CIN
COUT
RFLASH
R1
R2
2 Current Sink
Regulators
Current
Setting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com