Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST92163N4B0 Datasheet(PDF) 85 Page - STMicroelectronics

Part # ST92163N4B0
Description  8/16-BIT FULL SPEED USB MCU FOR COMPOSITE DEVICES WITH 16 ENDPOINTS, 20K ROM, 2K RAM, I2C, SCI, & MFT
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92163N4B0 Datasheet(HTML) 85 Page - STMicroelectronics

Back Button ST92163N4B0 Datasheet HTML 81Page - STMicroelectronics ST92163N4B0 Datasheet HTML 82Page - STMicroelectronics ST92163N4B0 Datasheet HTML 83Page - STMicroelectronics ST92163N4B0 Datasheet HTML 84Page - STMicroelectronics ST92163N4B0 Datasheet HTML 85Page - STMicroelectronics ST92163N4B0 Datasheet HTML 86Page - STMicroelectronics ST92163N4B0 Datasheet HTML 87Page - STMicroelectronics ST92163N4B0 Datasheet HTML 88Page - STMicroelectronics ST92163N4B0 Datasheet HTML 89Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 224 page
background image
85/224
ST92163 - RESET AND CLOCK CONTROL UNIT (RCCU)
5.5 OSCILLATOR CHARACTERISTICS
The oscillator circuit uses an inverting gate circuit
with tri-state output.
Notes:
Owing to the Q factor required, Ceramic
Resonators may not provide a reliable oscillator
source.
OSCOUT must not be directly used to drive exter-
nal circuits.
When the oscillator is stopped, OSCOUT goes
high impedance.
In Halt mode, set by means of the HALT instruc-
tion, the parallel resistor, R, is disconnected and
the oscillator is disabled, forcing the internal clock,
CLOCK1, to a high level, and OSCOUT to a high
impedance state.
To exit the HALT condition and restart the oscilla-
tor, an external RESET pulse is required.
It should be noted that, if the Watchdog function is
enabled, a HALT instruction will not disable the os-
cillator. This to avoid stopping the Watchdog if a
HALT
code is executed in error. When this occurs,
the CPU will be reset when the Watchdog times
out or when an external reset is applied.
Table 16. Oscillator Transconductance
Figure 42. Crystal Oscillator
Table 17. Crystal Internal Resistance
Legend:
C1,C2: Maximum Total Capacitances on pins OSCIN and
OSCOUT (the value includes the external capacitance
tied to the pin CL1 and CL2 plus the parasitic capacitance
of the board and of the device).
Rsmax: The equivalent serial resistor of the crystal.
Note 1: The tables are relative to the fundamental quartz
crystal only (not ceramic resonator).
Note 2: To reduce the parasitic capacitance, it is recom-
mended to place the crystal as close to the ST9 MCU as
possible.
WARNING: At low temperature, frost and humidity might
prevent the correct start-up of the oscillator.
Figure 43. Internal Oscillator Schematic
Figure 44. External Clock
Symbol
Voltage
range
Min
Typ
Max
Unit
gm
4.0-5.5V
0.77
1.5
2.4
mA/V
3.0-4.0V
0.5
0.73
1.47
OSCIN
OSCOUT
CL1
CL2
ST9
CRYSTAL CLOCK
VR02116A
1M*
*Recommended for oscillator stability
Symbol Condition s C1=C2
= 56pF
C1=C2
=47pF
C1=C2
= 33pF
C1=C2
= 22pF
Rsmax
(ohm)
4.0-5.5V
Freq.=8MHz
50
Ω
65
Ω
120
Ω
180
Ω
3.0-4.0V
Freq.=8MHz
30
Ω
40
Ω
70
Ω
110
Ω
VR02086A
HALT
OSCIN
OSCOUT
RIN
ROUT
R
CLOCK1
OSCIN
OSCOUT
CLOCK
INPUT
NC
EXTERNAL CLOCK
VR02116B
ST9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com