Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST92163N4B0 Datasheet(PDF) 23 Page - STMicroelectronics

Part # ST92163N4B0
Description  8/16-BIT FULL SPEED USB MCU FOR COMPOSITE DEVICES WITH 16 ENDPOINTS, 20K ROM, 2K RAM, I2C, SCI, & MFT
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92163N4B0 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button ST92163N4B0 Datasheet HTML 19Page - STMicroelectronics ST92163N4B0 Datasheet HTML 20Page - STMicroelectronics ST92163N4B0 Datasheet HTML 21Page - STMicroelectronics ST92163N4B0 Datasheet HTML 22Page - STMicroelectronics ST92163N4B0 Datasheet HTML 23Page - STMicroelectronics ST92163N4B0 Datasheet HTML 24Page - STMicroelectronics ST92163N4B0 Datasheet HTML 25Page - STMicroelectronics ST92163N4B0 Datasheet HTML 26Page - STMicroelectronics ST92163N4B0 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 224 page
background image
23/224
ST92163 - GENERAL DESCRIPTION
4
USB
End
Points
R240
EP0RA
Endpoint 0 Register A (Transmission)
00
143
R241
EP0RB
Endpoint 0 Register B (Reception)
00
R242
EP1RA
Endpoint 1 Register A (Transmission)
00
R243
EP1RB
Endpoint 1 Register B (Reception)
00
R244
EP2RA
Endpoint 2 Register A (Transmission)
00
R245
EP2RB
Endpoint 2 Register B (Reception)
00
R246
EP3RA
Endpoint 3 Register A (Transmission)
00
R247
EP3RB
Endpoint 3 Register B (Reception)
00
R248
EP4RA
Endpoint 4 Register A (Transmission)
00
R249
EP4RB
Endpoint 4 Register B (Reception)
00
R250
EP5RA
Endpoint 5 Register A (Transmission)
00
R251
EP5RB
Endpoint 5 Register B (Reception)
00
R252
EP6RA
Endpoint 6 Register A (Transmission)
00
R253
EP6RB
Endpoint 6 Register B (Reception)
00
R254
EP7RA
Endpoint 7 Register A (Transmission)
00
R255
EP7RB
Endpoint 7 Register B (Reception)
00
5
R240
EP8RA
Endpoint 8 Register A (Transmission)
00
R241
EP8RB
Endpoint 8 Register B (Reception)
00
R242
EP9RA
Endpoint 9 Register A (Transmission)
00
R243
EP9RB
Endpoint 9 Register B (Reception)
00
R244
EP10RA
Endpoint 10 Register A (Transmission)
00
R245
EP10RB
Endpoint 10 Register B (Reception)
00
R246
EP11RA
Endpoint 11 Register A (Transmission)
00
R247
EP11RB
Endpoint 11 Register B (Reception)
00
R248
EP12RA
Endpoint 12 Register A (Transmission)
00
R249
EP12RB
Endpoint 12 Register B (Reception)
00
R250
EP13RA
Endpoint 13 Register A (Transmission)
00
R251
EP13RB
Endpoint 13 Register B (Reception)
00
R252
EP14RA
Endpoint 14 Register A (Transmission)
00
R253
EP14RB
Endpoint 14 Register B (Reception)
00
R254
EP15RA
Endpoint 15 Register A (Transmission)
00
R255
EP15RB
Endpoint 15 Register B (Reception)
00
9
MFT
R240
DCPR
DMA Counter Pointer Register
xx
132
R241
DAPR
DMA Address Pointer Register
xx
133
R242
T_IVR
Interrupt Vector Register
xx
133
R243
IDCR
Interrupt/DMA Control Register
C7
134
R248
IOCR
I/O Connection Register
FC
134
Page
No.
Block
Reg.
No.
Register
Name
Description
Reset
Value
Hex.
Doc.
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com