Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST92163N4B0 Datasheet(PDF) 22 Page - STMicroelectronics

Part # ST92163N4B0
Description  8/16-BIT FULL SPEED USB MCU FOR COMPOSITE DEVICES WITH 16 ENDPOINTS, 20K ROM, 2K RAM, I2C, SCI, & MFT
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92163N4B0 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button ST92163N4B0 Datasheet HTML 18Page - STMicroelectronics ST92163N4B0 Datasheet HTML 19Page - STMicroelectronics ST92163N4B0 Datasheet HTML 20Page - STMicroelectronics ST92163N4B0 Datasheet HTML 21Page - STMicroelectronics ST92163N4B0 Datasheet HTML 22Page - STMicroelectronics ST92163N4B0 Datasheet HTML 23Page - STMicroelectronics ST92163N4B0 Datasheet HTML 24Page - STMicroelectronics ST92163N4B0 Datasheet HTML 25Page - STMicroelectronics ST92163N4B0 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 224 page
background image
22/224
ST92163 - GENERAL DESCRIPTION
Table 7. Detailed Register Map
Page
No.
Block
Reg.
No.
Register
Name
Description
Reset
Value
Hex.
Doc.
Page
System
I/O
Port
3:5
R227
P3DR
Port 3 Data Register
FF
98
R228
P4DR
Port 4 Data Register
FF
R229
P5DR
Port 5 Data Register
FF
Core
R230
CICR
Central Interrupt Control Register
87
30
R231
FLAGR
Flag Register
00
31
R232
RP0
Pointer 0 Register
00
33
R233
RP1
Pointer 1 Register
00
33
R234
PPR
Page Pointer Register
54
35
R235
MODER
Mode Register
E0
35
R236
USPHR
User Stack Pointer High Register
xx
37
R237
USPLR
User Stack Pointer Low Register
xx
37
R238
SSPHR
System Stack Pointer High Reg.
xx
37
R239
SSPLR
System Stack Pointer Low Reg.
xx
37
0
INT
R242
EITR
External Interrupt Trigger Register
00
59
R243
EIPR
External Interrupt Pending Reg.
00
60
R244
EIMR
External Interrupt Mask-bit Reg.
00
60
R245
EIPLR
External Interrupt Priority Level Reg.
FF
60
R246
EIVR
External Interrupt Vector Register
x6
61
R247
NICR
Nested Interrupt Control
00
61
WDT
R248
WDTHR
Watchdog Timer High Register
FF
109
R249
WDTLR
Watchdog Timer Low Register
FF
109
R250
WDTPR
Watchdog Timer Prescaler Reg.
FF
109
R251
WDTCR
Watchdog Timer Control Register
12
109
R252
WCR
Wait Control Register
7F
110
2
I/O
Port
3
R252
P3C0
Port 3 Configuration Register 0
00
98
R253
P3C1
Port 3 Configuration Register 1
00
R254
P3C2
Port 3 Configuration Register 2
00
3
I/O
Port
4
R240
P4C0
Port 4 Configuration Register 0
00
98
R241
P4C1
Port 4 Configuration Register 1
00
R242
P4C2
Port 4 Configuration Register 2
00
I/O
Port
5
R244
P5C0
Port 5 Configuration Register 0
00
R245
P5C1
Port 5 Configuration Register 1
00
R246
P5C2
Port 5 Configuration Register 2
00
I/O
Port
6
R248
P6C0
Port 6 Configuration Register 0
00
R249
P6C1
Port 6 Configuration Register 1
00
R250
P6C2
Port 6 Configuration Register 2
00
R251
P6DR
Port 6 Data Register
FF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com