Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SFS4936 Datasheet(PDF) 3 Page - SemiWell Semiconductor

Part # SFS4936
Description  Dual N-Channel MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIWELL [SemiWell Semiconductor]
Direct Link  http://www.semiwellsemi.co.kr
Logo SEMIWELL - SemiWell Semiconductor

SFS4936 Datasheet(HTML) 3 Page - SemiWell Semiconductor

  SFS4936 Datasheet HTML 1Page - SemiWell Semiconductor SFS4936 Datasheet HTML 2Page - SemiWell Semiconductor SFS4936 Datasheet HTML 3Page - SemiWell Semiconductor SFS4936 Datasheet HTML 4Page - SemiWell Semiconductor SFS4936 Datasheet HTML 5Page - SemiWell Semiconductor SFS4936 Datasheet HTML 6Page - SemiWell Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
10
0
10
1
150℃
Notes :
※
1. V
GS = 0V
2. 250µ s Pulse Test
25℃
V
SD, Source-Drain voltage[V]
10
-1
10
0
10
1
10
0
10
1
V
GS
Top :
10.0 V
8.0 V
6.0 V
5.0 V
4.5 V
4.0 V
3.5 V
Bottom :
3.0 V
Notes :
※
1. 250µ s Pulse Test
2. T
C = 25℃
V
DS, Drain-Source Voltage [V]
0
5
10
15
20
25
30
0.00
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
V
GS = 10V
V
GS = 4.5V
Note : T
※
J = 25℃
I
D, Drain Current [A]
0
5
10
15
20
25
30
0
250
500
750
1000
1250
1500
C
rss
C
oss
C
iss
Notes :
※
1. V
GS = 0V
2. f=1MHz
C
iss=Cgs+Cgd(Cds=shorted)
C
oss=Cds+Cgd
C
rss=Cgd
V
DS, Drain-Source Voltage [V]
012
3456
10
-1
10
0
10
1
125
oC
25
oC
-55
oC
Notes :
※
1. V
DS = 15V
2. 250µ s Pulse Test
V
GS, Gate-Source Voltage [V]
0
5
10
15
20
25
0
2
4
6
8
10
12
V
DS = 15V
V
DS = 24V
Note : I
※
D = 5.8A
Q
G, Total Gate Charge [nC]
3/6
Fig 3. On Resistance Variation vs.
Drain Current and Gate Voltage
Fig 4. On State Current vs.
Allowable Case Temperature
Fig 5. Capacitance Characteristics
Fig 6. Gate Charge Characteristics
SFS4936
Fig 1. On-State Characteristics
Fig 2. Transfer Characteristics
Copyright@SemiWell Semiconductor Co., Ltd., All rights reserved.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com