Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SFS4936 Datasheet(PDF) 5 Page - SemiWell Semiconductor

Part # SFS4936
Description  Dual N-Channel MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIWELL [SemiWell Semiconductor]
Direct Link  http://www.semiwellsemi.co.kr
Logo SEMIWELL - SemiWell Semiconductor

SFS4936 Datasheet(HTML) 5 Page - SemiWell Semiconductor

  SFS4936 Datasheet HTML 1Page - SemiWell Semiconductor SFS4936 Datasheet HTML 2Page - SemiWell Semiconductor SFS4936 Datasheet HTML 3Page - SemiWell Semiconductor SFS4936 Datasheet HTML 4Page - SemiWell Semiconductor SFS4936 Datasheet HTML 5Page - SemiWell Semiconductor SFS4936 Datasheet HTML 6Page - SemiWell Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5/6
Fig 11. Switching Time Test Circuit & Waveforms
SFS4936
Fig. 10. Gate Charge Test Circuit & Waveforms
Copyright@SemiWell Semiconductor Co., Ltd., All rights reserved.
Charge
VGS
10V
Qg
Qgs
Qgd
1mA
VGS
DUT
VDS
300nF
50KΩ
200nF
12V
Same Type
as DUT
Charge
VGS
10V
Qg
Qgs
Qgd
Charge
VGS
10V
Qg
Qgs
Qgd
1mA
VGS
DUT
VDS
300nF
50KΩ
200nF
12V
Same Type
as DUT
Vin
VDS
10%
90%
t
d(on)
t
r
t
on
t
off
t
d(off)
t
f
VDD
( 0.5 rated VDS )
10V
VDS
RL
DUT
Pulse
Generator
Vin
VDS
10%
90%
t
d(on)
t
r
t
on
t
off
t
d(off)
t
f
Vin
VDS
10%
90%
t
d(on)
t
r
t
on
t
off
t
d(off)
t
f
VDD
( 0.5 rated VDS )
V
VDS
RL
DUT
Pulse
Generator
RG
Vin
VDS
10%
90%
t
d(on)
t
r
t
on
t
off
t
d(off)
t
f
Vin
VDS
10%
90%
t
d(on)
t
r
t
on
t
off
t
d(off)
t
f
VDD
( 0.5 rated VDS )
10V
VDS
RL
DUT
Pulse
Generator
Vin
VDS
10%
90%
t
d(on)
t
r
t
on
t
off
t
d(off)
t
f
Vin
VDS
10%
90%
t
d(on)
t
r
t
on
t
off
t
d(off)
t
f
VDD
( 0.5 rated VDS )
V
VDS
RL
DUT
Pulse
Generator
RG



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com