Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EMC646SP16JS-70L Datasheet(PDF) 26 Page - Emerging Memory & Logic Solutions Inc

Part # EMC646SP16JS-70L
Description  4Mx16 bit CellularRAM
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EMC646SP16JS-70L Datasheet(HTML) 26 Page - Emerging Memory & Logic Solutions Inc

Back Button EMC646SP16JS-70L Datasheet HTML 22Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-70L Datasheet HTML 23Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-70L Datasheet HTML 24Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-70L Datasheet HTML 25Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-70L Datasheet HTML 26Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-70L Datasheet HTML 27Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-70L Datasheet HTML 28Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-70L Datasheet HTML 29Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-70L Datasheet HTML 30Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 65 page
background image
EMC646SP16J
4Mx16 CellularRAM
26
Preliminary
Table 6: Fixed Latency Configuration Codes
Figure 19: Latency Counter (Fixed Latency)
Operating Mode (BCR[15]) Default = Asynchronous Operation
The operating mode bit selects either synchronous burst operation or the default asynchronous mode of operation.
BCR[13:11]
Latency
Configuration
Code
Latency Count (N)
Max Input CLK Frequency (MHz)
104
83
66
010
2 (3 clocks)
2
33(30ns)
33(30ns)
20(50ns)
011
3 (4 clocks)-default
3
52(19.2ns)
52(19.2ns)
33(30ns)
100
4 (5 clocks)
4
66(15ns)
66(15ns)
40(25ns)
101
5 (6 clocks)
5
75(13.3ns)
75(13.3ns)
52(19.2ns)
110
6 (7 clocks)
6
104(9.62ns)
83(12ns)
66(15ns)
Others
Reserved
--
-
-
-
VIH
VIL
VIH
VIL
VIH
VIL
VIH
VIL
CLK
A[21:0]
ADV#
DQ[15:0]
DQ[15:0]
Valid
Address
tAA
Cycle N
N-1
Cycles
tAADV
tCO
(READ)
(WRITE)
CE#
VOH
VOL
VOH
VOL
Valid
Output
Valid
Output
Valid
Output
Valid
Output
Valid
Output
Valid
Input
Valid
Input
Valid
Input
Valid
Input
Valid
Input
Don’t Care
Undefined
Burst Identified
(ADV# = LOW)
tACLK
tSP tHD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com