Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EMC646SP16JS-70L Datasheet(PDF) 31 Page - Emerging Memory & Logic Solutions Inc

Part # EMC646SP16JS-70L
Description  4Mx16 bit CellularRAM
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EMC646SP16JS-70L Datasheet(HTML) 31 Page - Emerging Memory & Logic Solutions Inc

Back Button EMC646SP16JS-70L Datasheet HTML 27Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-70L Datasheet HTML 28Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-70L Datasheet HTML 29Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-70L Datasheet HTML 30Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-70L Datasheet HTML 31Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-70L Datasheet HTML 32Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-70L Datasheet HTML 33Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-70L Datasheet HTML 34Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-70L Datasheet HTML 35Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 65 page
background image
EMC646SP16J
4Mx16 CellularRAM
31
Preliminary
TIMING REQUIREMENTS
Table 13: Asynchronous READ Cycle Timing Requirements
All tests performed with outputs configured for default setting of half drive strength, (BCR[5:4] = 01b).
Note:
1. The High-Z timings measure a 100mV transition from either VOH or VOL toward VccQ/2.
2. The Low-Z timings measure a 100mV transition away from the High-Z (VccQ/2) level toward either VOH or VOL.
3. Page mode enabled only.
4. Contact EMLSI for specific timing.
Parameter
Symbol
104/83 MHz
66 MHz
Unit
Note
Min
Max
Min
Max
Address access time
tAA
70
85
ns
ADV# access time
tAADV
70
85
ns
Page access time
tAPA
20/25
25
ns
4
Address hold from ADV# HIGH
tAVH
22
ns
Address setup to ADV# HIGH
tAVS
55
ns
LB#/UB# access time
tBA
70
85
ns
LB#/UB# disable to DQ High-Z output
tBHZ
88
ns
1
LB#/UB# enable to Low-Z output
tBLZ
10
10
ns
2
Maximum CE# pulse width
tCEM
44
µs
3
CE# LOW to WAIT valid
tCEW
17.5
17.5
ns
Chip select access time
tCO
70
85
ns
CE# LOW to ADV# HIGH
tCVS
77
ns
Chip disable to DQ and WAIT High-Z output
tHZ
88
ns
1
Chip enable to Low-Z output
tLZ
10
10
ns
2
Output enable to valid output
tOE
20
20
ns
Output hold from address change
tOH
55
ns
Output disable to DQ High-Z output
tOHZ
88
ns
1
Output enable to Low-Z output
tOLZ
33
ns
2
Page READ cycle time
tPC
20/25
25
ns
4
READ cycle time
tRC
70
85
ns
ADV# pulse width LOW
tVP
57
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com