Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADS5463IPFPRG4 Datasheet(PDF) 5 Page - Texas Instruments

Part # ADS5463IPFPRG4
Description  12-Bit, 500-MSPS Analog-to-Digital Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5463IPFPRG4 Datasheet(HTML) 5 Page - Texas Instruments

  ADS5463IPFPRG4 Datasheet HTML 1Page - Texas Instruments ADS5463IPFPRG4 Datasheet HTML 2Page - Texas Instruments ADS5463IPFPRG4 Datasheet HTML 3Page - Texas Instruments ADS5463IPFPRG4 Datasheet HTML 4Page - Texas Instruments ADS5463IPFPRG4 Datasheet HTML 5Page - Texas Instruments ADS5463IPFPRG4 Datasheet HTML 6Page - Texas Instruments ADS5463IPFPRG4 Datasheet HTML 7Page - Texas Instruments ADS5463IPFPRG4 Datasheet HTML 8Page - Texas Instruments ADS5463IPFPRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
ADS5463
www.ti.com .................................................................................................................................................... SLAS515B – NOVEMBER 2006 – REVISED MAY 2008
ELECTRICAL CHARACTERISTICS (continued)
Typical values at TA = 25°C, minimum and maximum values over full temperature range TMIN = –40°C to TMAX = 85°C,
sampling rate = 500 MSPS, 50% clock duty cycle, AVDD5 = 5 V, AVDD3 = 3.3 V, DVDD3 = 3.3 V, –1-dBFS differential input,
and 3-VPP differential clock (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DYNAMIC AC CHARACTERISTICS (continued)
fIN = 10 MHz
86
fIN = 70 MHz
86
fIN = 100 MHz
86
fIN = 230 MHz
77
Worst harmonic/spur (other than HD2
fIN = 300 MHz
81
dBc
and HD3)
fIN = 450 MHz
86
fIN = 650 MHz
85
fIN = 900 MHz
78
fIN = 1.3 GHz
67
fIN = 10 MHz
80
fIN = 70 MHz
79
fIN = 100 MHz
77
fIN = 230 MHz
75
THD
Total Harmonic Distortion
fIN = 300 MHz
73
dBc
fIN = 450 MHz
73
fIN = 650 MHz
64
fIN = 900 MHz
55
fIN = 1.3 GHz
44
fIN = 10 MHz
64.2
fIN = 70 MHz
64.2
fIN = 100 MHz
62
64.1
fIN = 230 MHz
63.7
SINAD
Signal-to-noise and distortion
fIN = 300 MHz
63.5
dBc
fIN = 450 MHz
63.1
fIN = 650 MHz
60.5
fIN = 900 MHz
54.4
fIN = 1.3 GHz
44.1
fIN1 = 65 MHz, fIN2 = 70 MHz, each tone at
90
–7 dBFS
fIN1 = 65 MHz, fIN2 = 70 MHz, each tone at
89
–16 dBFS
Two-tone SFDR
dBFS
fIN1 = 350 MHz, fIN2 = 355 MHz, each tone
82
at –7 dBFS
fIN1 = 350 MHz, fIN2 = 355 MHz, each tone
89
at –16 dBFS
fIN = 100 MHz
10
10.4
ENOB
Effective number of bits
Bits
fIN = 300 MHz
10.4
RMS idle-channel noise
Inputs tied to common-mode
0.7
LSB
LVDS DIGITAL OUTPUTS
VOD
Differential output voltage (±)
247
350
454
mV
VOC
Common mode output voltage
1.125
1.375
V
Copyright © 2006–2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s) :ADS5463



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com