Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADS5463IPFPRG4 Datasheet(PDF) 25 Page - Texas Instruments

Part # ADS5463IPFPRG4
Description  12-Bit, 500-MSPS Analog-to-Digital Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5463IPFPRG4 Datasheet(HTML) 25 Page - Texas Instruments

Back Button ADS5463IPFPRG4 Datasheet HTML 21Page - Texas Instruments ADS5463IPFPRG4 Datasheet HTML 22Page - Texas Instruments ADS5463IPFPRG4 Datasheet HTML 23Page - Texas Instruments ADS5463IPFPRG4 Datasheet HTML 24Page - Texas Instruments ADS5463IPFPRG4 Datasheet HTML 25Page - Texas Instruments ADS5463IPFPRG4 Datasheet HTML 26Page - Texas Instruments ADS5463IPFPRG4 Datasheet HTML 27Page - Texas Instruments ADS5463IPFPRG4 Datasheet HTML 28Page - Texas Instruments ADS5463IPFPRG4 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 37 page
background image
Thisisanexampleblockdiagram.
Low-JitterClockDistribution
ADC
ADS5463
VCO
REF
CDC
(ClockDistributionChip)
CDCM7005
1000MHz(totransmitDAC)
.
.
.
250MHz(toFPGA)
ToOther
BoardMaster
ReferenceClock
(highorlowjitter)
10MHz
500MHz
Low-JitterOscillator
1000MHz
BPF
LVCMOS
LVPECL
or
LVCMOS
XFMR
AMP
CLKIN
CLKIN
AMP and/orBPFareOptional
125MHz(toDSP)
Thisisanexampleblockdiagram.
Low-JitterClockDistribution
ADC
ADS5463
VCO
REF
CDC
(ClockDistributionChip)
CDCM7005
1000MHz(totransmitDAC)
125MHz(toDSP)
250MHz(toFPGA)
ToOther
BoardMaster
ReferenceClock
(highorlowjitter)
10MHz
500MHz
Low-JitterOscillator
1000MHz
LVPECL
LVPECL
or
LVCMOS
CLKIN
CLKIN
.
.
.
ADS5463
www.ti.com .................................................................................................................................................... SLAS515B – NOVEMBER 2006 – REVISED MAY 2008
Consult the CDCM7005 data sheet for proper schematic and specifications regarding allowable input and output
frequency and amplitude ranges.
Figure 46. Optimum Jitter Clock Circuit
Consult the CDCM7005 data sheet for proper schematic and specifications regarding allowable input and output
frequency and amplitude ranges.
Figure 47. Acceptable Jitter Clock Circuit
Copyright © 2006–2008, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Link(s) :ADS5463



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com