Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADS5463IPFPRG4 Datasheet(PDF) 15 Page - Texas Instruments

Part # ADS5463IPFPRG4
Description  12-Bit, 500-MSPS Analog-to-Digital Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5463IPFPRG4 Datasheet(HTML) 15 Page - Texas Instruments

Back Button ADS5463IPFPRG4 Datasheet HTML 11Page - Texas Instruments ADS5463IPFPRG4 Datasheet HTML 12Page - Texas Instruments ADS5463IPFPRG4 Datasheet HTML 13Page - Texas Instruments ADS5463IPFPRG4 Datasheet HTML 14Page - Texas Instruments ADS5463IPFPRG4 Datasheet HTML 15Page - Texas Instruments ADS5463IPFPRG4 Datasheet HTML 16Page - Texas Instruments ADS5463IPFPRG4 Datasheet HTML 17Page - Texas Instruments ADS5463IPFPRG4 Datasheet HTML 18Page - Texas Instruments ADS5463IPFPRG4 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 37 page
background image
InputFrequency
MHz
-
0
-10
-40
-50
-60
-70
-90
-100
0.1
1
10
10k
f =500MSPS
S
1000
100
-30
-20
-80
DVDD − Supply Voltage − V
63.5
64.0
64.5
65.0
65.5
66.0
66.5
2.7
2.9
3.1
3.3
3.5
3.7
G031
TA = 405C
TA = 255C
TA = 05C
TA = 655C
TA = −405C
TA = 1005C
TA = 855C
fS = 500 MSPS
fIN= 100 MHz
100
10
200
300
65
65
65
64
64
64
64
65
63
61
61
62
62
62
63
63
63
58
59
400
f
-InputFrequency-MHz
IN
SNR-dBFS
500
600
700
900
800
1000
170
200
400
250
300
350
450
500
550
58
57
59
60
65
64
63
62
61
66
67
M0048-09
ADS5463
www.ti.com .................................................................................................................................................... SLAS515B – NOVEMBER 2006 – REVISED MAY 2008
TYPICAL CHARACTERISTICS (continued)
Typical plots at TA = 25°C, sampling rate = 500 MSPS, 50% clock duty cycle, AVDD5 = 5 V, AVDD3 = 3.3 V, DVDD3 = 3.3 V,
and 3-VPP differential clock, (unless otherwise noted)
SNR
CMRR
vs
vs
DVDD3 ACROSS TEMPERATURE
COMMON-MODE INPUT FREQUENCY
Figure 26.
Figure 27.
SNR vs INPUT FREQUENCY AND SAMPLING FREQUENCY
Figure 28.
Copyright © 2006–2008, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Link(s) :ADS5463



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com