Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD9388ABSTZ-5P Datasheet(PDF) 20 Page - Analog Devices

Part # AD9388ABSTZ-5P
Description  10-Bit Integrated, Multiformat, HDTV Video Decoder, RGB Graphics Digitizer, and 2:1 Multiplexed HDMI/DVI Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9388ABSTZ-5P Datasheet(HTML) 20 Page - Analog Devices

Back Button AD9388ABSTZ-5P Datasheet HTML 16Page - Analog Devices AD9388ABSTZ-5P Datasheet HTML 17Page - Analog Devices AD9388ABSTZ-5P Datasheet HTML 18Page - Analog Devices AD9388ABSTZ-5P Datasheet HTML 19Page - Analog Devices AD9388ABSTZ-5P Datasheet HTML 20Page - Analog Devices AD9388ABSTZ-5P Datasheet HTML 21Page - Analog Devices AD9388ABSTZ-5P Datasheet HTML 22Page - Analog Devices AD9388ABSTZ-5P Datasheet HTML 23Page - Analog Devices AD9388ABSTZ-5P Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
AD9388A
Rev. B | Page 20 of 28
Processor1 Mode/Format
Output of Data Port Pins P[29:20]
29
28
27
26
25
24
23
22
21
20
CP
Mode 14
Video output
24-bit 4:4:43, 4
CHB[7:0] (for example, R[7:0] or Cr[7:0])
–
–
CP
Mode 15
Video output
24-bit 4:4:43, 4
CHA[7:0] (for example, G[7:0] or Y[7:0])
–
–
CP
Mode 16
Video output
30-bit 4:4:43, 4
CHC[9:0] (for example, B[9:0] or Cb[9:0])
CP
Mode 17
Video output
30-bit 4:4:43, 4
CHB[9:0] (for example, R[9:0] or Cr[9:0])
CP
Mode 18
Video output
30-bit 4:4:43, 4
CHB[9:0] (for example, R[9:0] or Cr[9:0])
CP
Mode 19
Video output
30-bit 4:2:23, 4
CHA[9:0] (for example, G[9:0] or Y[9:0])
1 CP processor uses digitizer or HDMI as input.
2 Maximum pixel clock rate of 54 MHz.
3 Maximum pixel clock rate of 170 MHz for the analog digitizer.
4 Maximum pixel clock rate of 165 MHz for HDMI.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com