Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD9388ABSTZ-5P Datasheet(PDF) 23 Page - Analog Devices

Part # AD9388ABSTZ-5P
Description  10-Bit Integrated, Multiformat, HDTV Video Decoder, RGB Graphics Digitizer, and 2:1 Multiplexed HDMI/DVI Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9388ABSTZ-5P Datasheet(HTML) 23 Page - Analog Devices

Back Button AD9388ABSTZ-5P Datasheet HTML 19Page - Analog Devices AD9388ABSTZ-5P Datasheet HTML 20Page - Analog Devices AD9388ABSTZ-5P Datasheet HTML 21Page - Analog Devices AD9388ABSTZ-5P Datasheet HTML 22Page - Analog Devices AD9388ABSTZ-5P Datasheet HTML 23Page - Analog Devices AD9388ABSTZ-5P Datasheet HTML 24Page - Analog Devices AD9388ABSTZ-5P Datasheet HTML 25Page - Analog Devices AD9388ABSTZ-5P Datasheet HTML 26Page - Analog Devices AD9388ABSTZ-5P Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
AD9388A
Rev. B | Page 23 of 28
RECOMMENDED EXTERNAL LOOP FILTER COMPONENTS
Note that the external loop filter components for the ELPF and AUDIO_ELPF pins should be placed as close as possible to the respective
pins. The recommended component values are specified in Figure 9 and Figure 10.
1.5kΩ
80nF
8nF
PVDD = 1.8V
AUDIO_ELPF 102
1.69kΩ
82nF
10nF
PVDD = 1.8V
ELPF 70
Figure 9. ELPF Components
Figure 10. AUDIO_ELPF Components



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com