Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SOC-3000I Datasheet(PDF) 87 Page - List of Unclassifed Manufacturers

Part # SOC-3000I
Description  Scale-On-Chip ASIC Technical Specification Rev.B1
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SOC-3000I Datasheet(HTML) 87 Page - List of Unclassifed Manufacturers

Back Button SOC-3000I Datasheet HTML 83Page - List of Unclassifed Manufacturers SOC-3000I Datasheet HTML 84Page - List of Unclassifed Manufacturers SOC-3000I Datasheet HTML 85Page - List of Unclassifed Manufacturers SOC-3000I Datasheet HTML 86Page - List of Unclassifed Manufacturers SOC-3000I Datasheet HTML 87Page - List of Unclassifed Manufacturers SOC-3000I Datasheet HTML 88Page - List of Unclassifed Manufacturers SOC-3000I Datasheet HTML 89Page - List of Unclassifed Manufacturers SOC-3000I Datasheet HTML 90Page - List of Unclassifed Manufacturers SOC-3000I Datasheet HTML 91Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 98 page
background image
CybraTech (2000) Ltd.
SOC-3000/i Scale-On-Chip
 ASIC
Technical Specification
Revision B
Page 79
July, 2002
LCD Display Interface
The SOC-3000 interface supports LCD displays as follows:
•
Up to four backplanes, each driving 40 LCD segments
•
Static, 1/2-bias and 1/3-bias display options
•
Electro-luminescent (EL) lighting control
The hardware interface is shown in Figure 30.
The SOC-3000 is equipped with bias generators with voltage-followers buffers that generate
the LCD bias voltages and backplane multiplexing signals. Thus, LCD displays can be
directly connected to the SOC-3000 without any external component.
Backplane
Multiplexer
Segment Inputs
1
2
3
4
18 19 20 21
1
2
22 23
40
61
S40
LCD DISPLAY
(Up to 4 Backplanes)
(Up to 40 Segments)
SOC-3000
PIN #
Signal
FIGURE 30: LCD DISPLAY INTERFACE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com