| Electronic Components Datasheet Search |
|
STTS424E02BDA6E Datasheet(PDF) 18 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STTS424E02BDA6E Datasheet(HTML) 18 Page - STMicroelectronics |
|
18 / 51 page ![]() Temperature sensor registers STTS424E02 18/51 Table 6. Capability register format Bit15 Bit14 Bit13 Bit12 Bit11 Bit10 Bit9 Bit8 RFU RFU RFU RFU RFU RFU RFU RFU Bit7 Bit6 Bit5 Bit4 Bit3 Bit2 Bit1 Bit0 RFU RFU VHV TRES1 TRES0 Wider range Higher precision Alarm and critical trips Table 7. Capability register bit definitions Bit Definition 0 Basic capability – 0 = Alarm and critical trips turned OFF. – 1 = Alarm and critical trips turned ON. 1 Accuracy – 0 = Accuracy ±2°C over the active range and ±3°C over the monitoring range (C-Grade). – 1 = High accuracy ±1°C over the active range and ±2°C over the monitoring range (B-Grade). 2 Range width – 0 = Values lower than 0°C will be clamped and represented as binary value '0'. – 1 = Temperatures below 0°C can be read and the Sign bit will be set accordingly. 4:3 Temperature resolution – 01 = This 10-bit value is fixed for STTS424E02, providing temperatures at 0.25°C resolution (LSB). 5 (VHV) High voltage support for A0 (pin 1) – 1 = STTS424E02 supports a voltage up to 10 volts on the A0 pin - (default) 15:6 Reserved These values must be set to '0'. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |